Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6014 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HIP6014
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6014 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIP6014 Datasheet HTML 4Page - Intersil Corporation HIP6014 Datasheet HTML 5Page - Intersil Corporation HIP6014 Datasheet HTML 6Page - Intersil Corporation HIP6014 Datasheet HTML 7Page - Intersil Corporation HIP6014 Datasheet HTML 8Page - Intersil Corporation HIP6014 Datasheet HTML 9Page - Intersil Corporation HIP6014 Datasheet HTML 10Page - Intersil Corporation HIP6014 Datasheet HTML 11Page - Intersil Corporation HIP6014 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
HIP6014 DC-DC Converter Application Circuit
Figure 11 shows an application circuit of a DC-DC Converter
for an Intel Pentium Pro microprocessor. Detailed
information on the circuit, including a complete Bill-of-
Materials and circuit board description, can be found in
Application Note AN9672. Although the Application Note
details the HIP6004, the same evaluation platform can be
used to evaluate the HIP6014. Intersil AnswerFAX (321-724-
7800) doc. #99672.
+12V
+VO
PGND
HIP6014
VSEN
RT
FB
COMP
VID0
VID1
VID2
VID3
OVP
SS
PGOOD
D/A
GND
MONITOR
OSC
VCC
C1
L2
CO
0.1
µF
2x 1
µF
0.1
µF
0.1
µF
2.2nF
8.2nF
20K
1.33K
3
µH
5x 1000
µF
9x 1000
µF
0.1
µF
LGATE
UGATE
OCSET
PHASE
BOOT
15
D1
Q1
Q2
2N6394
1K
1000pF
D2
F1
2K
VIN =
+5V
OR
+12V
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
17
19
20
18
AND
PROTECTION
+
-
+
-
Component Selection Notes:
C0 - C9 - Each 1000µF 6.3W VDC, Sanyo MV-GX or Equivalent
C1 - C5 - Each 330µF 25W VDC, Sanyo MV-GX or Equivalent
L2 - Core: Micrometals T50-52B; Each Winding: 10 Turns of 16AWG
L1 - Core: Micrometals T50-52; Winding: 5 Turns of 18AWG
D1 - 1N4148 or Equivalent
D2 - 3A, 40V Schottky, Motorola MBR340 or Equivalent
Q1, Q2 - Intersil MOSFET; RFP70N03
FIGURE 11. PENTIUM PRO DC-DC CONVERTER
8
VID4
L1 - 1µH
HIP6014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com