Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6019 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6019
Description  Advanced Dual PWM and Dual Linear Power Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6019 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6019 Datasheet HTML 1Page - Intersil Corporation HIP6019 Datasheet HTML 2Page - Intersil Corporation HIP6019 Datasheet HTML 3Page - Intersil Corporation HIP6019 Datasheet HTML 4Page - Intersil Corporation HIP6019 Datasheet HTML 5Page - Intersil Corporation HIP6019 Datasheet HTML 6Page - Intersil Corporation HIP6019 Datasheet HTML 7Page - Intersil Corporation HIP6019 Datasheet HTML 8Page - Intersil Corporation HIP6019 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2-252
HIP6019
Advanced Dual PWM and Dual Linear
Power Control
The HIP6019 provides the power control and protection for four
output voltages in high-performance microprocessor and
computer applications. The IC integrates two PWM controllers,
a linear regulator and a linear controller as well as the
monitoring and protection functions into a single 28 lead SOIC
package. One PWM controller regulates the microprocessor
core voltage with a synchronous-rectified buck converter, while
the second PWM controller supplies the computer’s 3.3V power
with a standard buck converter. The linear controller regulates
power for the GTL bus and the linear regulator provides power
for the clock driver circuits.
The HIP6019 includes an Intel-compatible, TTL 5-input digital-
to-analog converter (DAC) that adjusts the core PWM output
voltage from 2.1VDC to 3.5VDC in 0.1V increments and from
1.8VDC to 2.05VDC in 0.05V steps. The precision reference
and voltage-mode control provide
±1% static regulation. The
second PWM controller is user-adjustable for output levels
between 3.0V and 3.5V with
±2% accuracy. The adjustable
linear regulator uses an internal pass device to provide 2.5V
±2.5%. The adjustable linear controller drives an external N-
Channel MOSFET to provide 1.5V
±2.5%.
The HIP6019 monitors all the output voltages. A single Power
Good signal is issued when the core is within
±10% of the DAC
setting and the other levels are above their under- voltage
levels. Additional built-in over-voltage protection for the core
output uses the lower MOSFET to prevent output voltages
above 115% of the DAC setting. The PWM controller’s over-
current functions monitor the output current by sensing the
voltage drop across the upper MOSFET’s rDS(ON), eliminating
the need for a current sensing resistor.
Pinout
HIP6019 (SOIC)
TOP VIEW
Features
• Provides 4 Regulated Voltages
- Microprocessor Core, I/O, Clock Chip and GTL Bus
• Drives N-Channel MOSFETs
• Operates from +5V and +12V Inputs
• Simple Single-Loop Control Designs
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifiers
- Full 0% to 100% Duty Ratios
• Excellent Output Voltage Regulation
- Core PWM Output:
±1% Over Temperature
- I/O PWM Output:
±2% Over Temperature
- Other Outputs:
±2.5% Over Temperature
• TTL-Compatible 5-Bit Digital-to-Analog Core Output
Voltage Selection
- Wide Range . . . . . . . . . . . . . . . . . . . 1.8VDC to 3.5VDC
- 0.1V Steps . . . . . . . . . . . . . . . . . . . . 2.1VDC to 3.5VDC
- 0.05V Steps . . . . . . . . . . . . . . . . . . 1.8VDC to 2.05VDC
• Power-Good Output Voltage Monitor
• Microprocessor Core Voltage Protection Against Shorted
MOSFET
• Over-Voltage and Over-Current Fault Monitors
- Does Not Require Extra Current Sensing Element,
Uses MOSFET’s rDS(ON)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator; Programmable from
50kHz to 1MHz
Applications
• Full Motherboard Power Regulation for Computers
• Low-Voltage Distributed Power Supplies
UGATE2
PHASE2
VID4
VID3
FB2
COMP2
SS
FAULT/RT
FB4
VCC
PGND
LGATE1
PHASE1
GATE3
COMP1
GND
VOUT4
VSEN2
UGATE1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PGOOD
VID2
OCSET2
VSEN1
FB3
VID1
VID0
OCSET1
FB1
Ordering Information
PART NUMBER
TEMP. (oC)
PACKAGE
PKG. NO.
HIP6019CB
0 to 70
28 Ld SOIC
M28.3
HIP6019EVAL1
Evaluation Board
Data Sheet
April 1998
File Number
4490.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP6019

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HIP6019 IRF-HIP6019 Datasheet
100Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
logo
Renesas Technology Corp
HIP6019 RENESAS-HIP6019 Datasheet
824Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 1998
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
October 1998
HIP6019B INTERSIL-HIP6019B Datasheet
481Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 13, 2005
logo
Renesas Technology Corp
HIP6019B RENESAS-HIP6019B Datasheet
770Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
More results

Similar Description - HIP6019

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
Advanced PWM and Dual Linear Power Control
January 1999
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
October 1998
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
Advanced PWM and Dual Linear Power Control
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B_05 Datasheet
481Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 13, 2005
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
Advanced PWM and Dual Linear Power Control
April 1, 2005
logo
Renesas Technology Corp
HIP6019B RENESAS-HIP6019B Datasheet
770Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
Advanced PWM and Dual Linear Power Control
April 1999
HIP6019 RENESAS-HIP6019 Datasheet
824Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com