Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6502CB Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP6502CB
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6502CB Datasheet(HTML) 4 Page - Intersil Corporation

  HIP6502CB Datasheet HTML 1Page - Intersil Corporation HIP6502CB Datasheet HTML 2Page - Intersil Corporation HIP6502CB Datasheet HTML 3Page - Intersil Corporation HIP6502CB Datasheet HTML 4Page - Intersil Corporation HIP6502CB Datasheet HTML 5Page - Intersil Corporation HIP6502CB Datasheet HTML 6Page - Intersil Corporation HIP6502CB Datasheet HTML 7Page - Intersil Corporation HIP6502CB Datasheet HTML 8Page - Intersil Corporation HIP6502CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Absolute Maximum Ratings
Thermal Information
Supply Voltage, V5VSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
12V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +14.5V
DLA, DRV2. . . . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to V12V +0.3V
All Other Pins . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to 5VSB + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 3
Recommended Operating Conditions
Supply Voltage, V5VSB . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Digital Inputs, VSX,VEN5VDL, VMSEL . . . . . . . . . . . . . . 0 to +5.25V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . 0oC to 125oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
85
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted Refer to Figures 1, 2 and 3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply Current
I5VSB
-30-
mA
Shutdown Supply Current
I5VSB(OFF) VSS = 0.8V
-
14
-
mA
POWER-ON RESET, SOFT-START, AND VOLTAGE MONITORS
Rising 5VSB POR Threshold
-
-
4.5
V
5VSB POR Hysteresis
-
0.2
-
V
Rising 12V Threshold
-
-
10.2
V
12V Hysteresis
-
1.0
-
V
Rising 3V3 and 5V Thresholds
-90-
%
3V3 and 5V Hysteresis
-5-
%
Soft-Start Current
ISS
-10-
µA
Shutdown Voltage Threshold
VSD
-
-
0.8
V
3.3VMEM LINEAR REGULATOR (VOUT1)
Regulation
-
-
2.0
%
VSEN1 Nominal Voltage Level
VVSEN1
MSEL > 1.8V
-
3.3
-
V
VSEN1 Undervoltage Rising Threshold
-
2.77
-
V
VSEN1 Undervoltage Hysteresis
-
110
-
mV
VSEN1 Output Current
IVSEN1
5VSB = 5V
250
300
-
mA
2.5VMEM LINEAR REGULATOR (VOUT2)
Regulation
-
-
2.0
%
VSEN2 Nominal Voltage Level
VVSEN2
MSEL < 2.0V
-
2.5
-
V
VSEN2 Undervoltage Rising Threshold
-
2.075
-
V
VSEN2 Output Current
IVSEN2
5VSB = 5V
250
300
-
mA
DRV2 Output Drive Current
IDRV2
5VSB = 5V
220
-
-
mA
3.3VDUAL/3.3VSB LINEAR REGULATOR (VOUT3)
Sleep State Regulation
-
-
2.0
%
3V3DL Nominal Voltage Level
V3V3DL
-
3.3
-
V
HIP6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com