Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6502CB Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP6502CB
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6502CB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP6502CB Datasheet HTML 5Page - Intersil Corporation HIP6502CB Datasheet HTML 6Page - Intersil Corporation HIP6502CB Datasheet HTML 7Page - Intersil Corporation HIP6502CB Datasheet HTML 8Page - Intersil Corporation HIP6502CB Datasheet HTML 9Page - Intersil Corporation HIP6502CB Datasheet HTML 10Page - Intersil Corporation HIP6502CB Datasheet HTML 11Page - Intersil Corporation HIP6502CB Datasheet HTML 12Page - Intersil Corporation HIP6502CB Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
SOFT-START INTO ACTIVE STATES (S0, S1)
If both S3 and S5 are logic high at the time the 5VSB is
applied, the HIP6502 will assume active state wake-up and
keep off the controlled external transistors and the VCLK
output until some time (typically 25ms) after the ATX’s main
outputs used by the application (3.3V, 5V, and 12V) exceed
the set thresholds. This time-out feature is necessary in
order to insure the main ATX outputs are stabilized. The
time-out also assures smooth transitions from sleep into
active when sleep states are being supported.
3.3VDUAL/3.3VSB output, whose operation is only
dependent on 5VSB presence, will come up right as bias
voltage reaches POR level.
During sleep to active state transitions from conditions
where the outputs are initially 0V (such as S5 to S0 transition
on the 5VDUAL output with EN5VDL = 0, or simple power-up
sequence directly into active state), the 3.3VMEM and
5VDUAL outputs go through a quasi soft-start by being pulled
high through the body diodes of the N-Channel MOSFETs
connected between these outputs and the 3.3V and 5V ATX
outputs. Figure 8 shows this start-up.
5VSB is already present when the main ATX outputs are
turned on at time T0. As a result of +3.3VIN and +5VIN
ramping up, the 3.3VMEM and 5VDUAL output capacitors
charge up through the body diodes of Q6 and Q5,
respectively (see Figure 3). At time T1, all main ATX outputs
exceed the HIP6502’s undervoltage thresholds, and the
internal 25ms (typical) timer is initiated. At T2 the time-out
initiates a soft-start, and the 2.5V memory and clock outputs
are ramped-up, reaching regulation limits at time T3.
Simultaneous with the beginning of the memory and clock
voltage ramp-up, at time T2, the DLA pin is pulled high,
turning on Q3, Q5, and Q6 in the process, and bringing the
3.3VMEM and 5VDUAL outputs in regulation. Shortly after
time T3, as the SS voltage reaches 2.75V, the soft-start
capacitor is quickly discharged down to approximately 2.45V,
where it remains until a valid sleep state request is received
from the system.
It is important to note that in the typical application (as
pictured in Figure 3) the 3.3V memory output is powered up
during active state operation, regardless of the MSEL pin
status. Sleep state support on this output is, however,
dependent on the MSEL status.
Fault Protection
All the outputs are monitored against undervoltage events. A
severe overcurrent caused by a failed load on any of the
outputs, would, in turn, cause that specific output to
suddenly drop. If any of the output voltages drop below 80%
(typical) of their set value, such event is reported by having
the FAULT pin pulled to 5V. Additionally, exceeding the
maximum current rating of an integrated regulator (output
with pass regulator on chip) can lead to output voltage
drooping; if excessive, this droop can ultimately trip the
under-voltage detector and send a FAULT signal to the
computer system.
A FAULT condition occurring on an output when controlled
through an external pass transistor will only set off the
FAULT flag, and it will not shut off or latch off any part of the
circuit. A FAULT condition occurring on an output when
controlled through an internal pass transistor, will set off the
FAULT flag, and it will shut off the faulting regulator only. If
shutdown or latch off of the entire circuit is desired in case of
a fault, regardless of the cause, this can be achieved by
externally pulling or latching the SS pin low. Pulling the SS
pin low will also force the FAULT pin to go low and reset an
internally latched-off output.
Special consideration is given to the initial start-up
sequence. If, following a 5VSB POR event, the
3.3VDUAL/3.3VSB output is ramped up and is subject to an
undervoltage event before the remainder of the controlled
voltages have been brought up, then the FAULT output goes
high and the entire IC latches off. Latch-off condition can be
reset by cycling the bias power (5VSB). Undervoltage events
on the 3.3VDUAL/3.3VSB output at any other times are
handled according to the description found in the second
paragraph under the current heading.
Another condition that could set off the FAULT flag is chip
over-temperature. If the HIP6502 reaches an internal
temperature of 140oC (typical), the FAULT flag is set off, but
the chip continues to operate until the temperature reaches
155oC (typical), when unconditional shutdown of all outputs
takes place. Operation resumes at 140oC and the
FIGURE 8. SOFT-START INTERVAL IN ACTIVE STATE
(2.5/3.3VMEM OUTPUT SHOWN IN 2.5V SETTING)
0V
0V
TIME
OUTPUT
(1V/DIV)
VOLTAGES
T1
T2
T3
T0
INPUT VOLTAGES
(2V/DIV)
+5VIN
+12VIN
+5VSB
VOUT2, 4
VOUT3 (3.3VMEM)
VOUT1 (3.3VDUAL/3.3VSB)
VOUT5 (5VDUAL)
DLA PIN
(2V/DIV)
SOFT-START
(1V/DIV)
(2.5VMEM, 2.5VCLK)
+3.3VIN
HIP6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com