Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG731 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG731
Description  16-/32-Channel, Serially Controlled
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG731 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG731 Datasheet HTML 5Page - Analog Devices ADG731 Datasheet HTML 6Page - Analog Devices ADG731 Datasheet HTML 7Page - Analog Devices ADG731 Datasheet HTML 8Page - Analog Devices ADG731 Datasheet HTML 9Page - Analog Devices ADG731 Datasheet HTML 10Page - Analog Devices ADG731 Datasheet HTML 11Page - Analog Devices ADG731 Datasheet HTML 12Page - Analog Devices ADG731 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
ADG725/ADG731
–9–
TERMINOLOGY
VDD
Most Positive Power Supply Potential.
VSS
Most Negative Power Supply in a Dual-Supply Application. In single-supply applications, connect to GND.
IDD
Positive Supply Current.
ISS
Negative Supply Current.
GND
Ground (0 V) Reference.
S
Source Terminal. May be an input or output.
DDrain Terminal. May be an input or output.
VD (VS)Analog Voltage on Terminals D, S.
RON
Ohmic Resistance between D and S.
RON
On Resistance Match between any Two Channels.
RFLAT(ON)
Flatness is defined as the difference between the maximum and minimum value of on resistance,
as measured over the specified analog signal range.
IS (OFF)
Source Leakage Current with the Switch OFF.
ID (OFF)
Drain Leakage Current with the Switch OFF.
ID, IS (ON)
Channel Leakage Current with the Switch ON.
VINL
Maximum Input Voltage for Logic 0.
VINH
Minimum Input Voltage for Logic 1.
IINL (IINH)
Input Current of the Digital Input.
CS (OFF)
OFF Switch Source Capacitance. Measured with reference to ground.
CD (OFF)
OFF Switch Drain Capacitance. Measured with reference to ground.
CD, CS (ON)
ON Switch Capacitance. Measured with reference to ground.
CIN
Digital Input Capacitance.
tTRANSITION
Delay time measured between the 50% points of the eighth clock falling edge and 90% points of the output
when switching from one address state to another.
tD
OFF time measured between the 80% points of both switches when switching from one address state to another.
Charge Injection
A measure of the glitch impulse transferred from the digital input to the analog output during switching.
OFF Isolation
A measure of unwanted signal coupling through an OFF switch.
Crosstalk
A measure of unwanted signal is coupled through from one channel to another as a result of parasitic capacitance.
On Response
The Frequency Response of the ON Switch.
Insertion Loss
The Loss Due to the On Resistance of the Switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com