Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG731 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG731
Description  16-/32-Channel, Serially Controlled
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG731 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG731 Datasheet HTML 8Page - Analog Devices ADG731 Datasheet HTML 9Page - Analog Devices ADG731 Datasheet HTML 10Page - Analog Devices ADG731 Datasheet HTML 11Page - Analog Devices ADG731 Datasheet HTML 12Page - Analog Devices ADG731 Datasheet HTML 13Page - Analog Devices ADG731 Datasheet HTML 14Page - Analog Devices ADG731 Datasheet HTML 15Page - Analog Devices ADG731 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. A
–12–
ADG725/ADG731
50%
VOUT
tTRANSITION
90%
90%
tTRANSITION
SCLK
50%
VOUT
D
VS1
*SIMILAR CONNECTION FOR ADG725
GND
ADG731*
S1
S32
S2 TO S31
VS32
RL
300
CL
35pF
V
DD
VDD
V
SS
VSS
VS1
VS32
8TH FALLING EDGE
8TH FALLING EDGE
Test Circuit 5. Switching Time of Multiplexer, tTRANSITION
VDD
VDD
VOUT
D
VS
ADG731*
S1
S32
RL
300
CL
35pF
t
OPEN
80%
80%
0V
VS
SCLK
*SIMILAR CONNECTION FOR ADG725
VSS
VSS
GND
VOUT
S2 THRU S31
8TH FALLING EDGE
Test Circuit 6. Break-Before-Make Delay, tOPEN
VOUT
VOUT
SCLK
QINJ = CL
VOUT
VOUT
D
ADG731*
CL
1nF
S
RS
V
S
V
DD
VDD
*SIMILAR CONNECTION FOR ADG725
GND
VSS
VSS
8th FALLING EDGE
Test Circuit 7. Charge Injection
TEST CIRCUITS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com