Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG751 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG751
Description  CMOS, Low Voltage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG751 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG751 Datasheet HTML 2Page - Analog Devices ADG751 Datasheet HTML 3Page - Analog Devices ADG751 Datasheet HTML 4Page - Analog Devices ADG751 Datasheet HTML 5Page - Analog Devices ADG751 Datasheet HTML 6Page - Analog Devices ADG751 Datasheet HTML 7Page - Analog Devices ADG751 Datasheet HTML 8Page - Analog Devices ADG751 Datasheet HTML 9Page - Analog Devices ADG751 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
REV.
ADG751
–6–
VD OR VS DRAIN SOURCE VOLTAGE – Volts
35
5
01
23
4
5
30
25
20
15
10
VDD = +5.5V
TA = +25 C
VDD = +2.7V
VDD = +3.3V
VDD = +4.5V
Figure 1. On Resistance as a Function of VD (VS) Single
Supplies (A Grade)
VD OR VS DRAIN SOURCE VOLTAGE – Volts
35
5
0
0.5
1.0
1.5
2.0
2.5
30
25
20
15
10
–40 C
3.0
+25 C
+125 C
+85 C
VDD = +3V
Figure 2. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 3 V (A Grade)
VDD = +5V
VD OR VS DRAIN SOURCE VOLTAGE – Volts
35
5
01
23
30
25
20
15
10
–40 C
5
+25 C
+125 C
+85 C
4
0
Figure 3. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 5 V (A Grade)
VD OR VS DRAIN SOURCE VOLTAGE – Volts
45
15
0
1.0
2.0
3.0
40
35
30
25
20
4.0
5.0
5.4
VDD = +2.7V
VDD = +3.3V
VDD = +4.5V
VDD = +5.5V
TA = +25 C
50
55
60
65
Figure 4. On Resistance as a Function of VD (VS) Single
Supplies (B Grade)
VD OR VS DRAIN SOURCE VOLTAGE – Volts
45
15
0
0.4
1.2
3.0
40
35
30
25
20
50
55
60
65
VDD = +3V
0.8
1.6
2.0
2.4
2.8
–40 C
+25 C
+85 C
+125 C
Figure 5. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 3 V (B Grade)
VD OR VS DRAIN SOURCE VOLTAGE – Volts
20
0
5.0
15
10
5
0
25
VDD = +5V
2.0
–40 C
+25 C
+85 C
+125 C
1.0
4.0
3.0
50
45
40
35
30
55
60
65
Figure 6. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 5 V (B Grade)
–Typical Performance Characteristics
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com