Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG751 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG751
Description  CMOS, Low Voltage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG751 Datasheet(HTML) 3 Page - Analog Devices

  ADG751 Datasheet HTML 1Page - Analog Devices ADG751 Datasheet HTML 2Page - Analog Devices ADG751 Datasheet HTML 3Page - Analog Devices ADG751 Datasheet HTML 4Page - Analog Devices ADG751 Datasheet HTML 5Page - Analog Devices ADG751 Datasheet HTML 6Page - Analog Devices ADG751 Datasheet HTML 7Page - Analog Devices ADG751 Datasheet HTML 8Page - Analog Devices ADG751 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
REV.
–3–
ADG751
SPECIFICATIONS
B Grade
A Grade
–40 C to
–40 C to
Parameter
+25 C
+85 C
+25 C
+85 C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
0 V to VDD
V
On-Resistance (RON)60
35
Ω typ
VS = 0 V to VDD, IDS = –10 mA;
90
50
Ω max
Test Circuit 1
LEAKAGE CURRENTS
VDD = +3.3 V
Source OFF Leakage IS (OFF)
±0.01
±0.01
nA typ
VD = 3 V/1 V, VS = 1 V/3 V;
±0.25
±3.0
±0.25
±3.0
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
±0.01
nA typ
VD = 1 V/3 V, VS = 3 V/1 V;
±0.25
±3.0
±0.25
±3.0
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.01
±0.01
nA typ
VD = VS = 1 V, or 3 V;
±0.25
±3.0
±0.25
±3.0
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.0
2.0
V min
Input Low Voltage, VINL
0.4
0.4
V max
Input Current
IINL or IINH
0.001
0.001
µA typ
VIN = VINL or VINH
±0.5
±0.5
µA max
CIN, Digital Input Capacitance
2
2
pF typ
DYNAMIC CHARACTERISTICS
1
tON
12
12
ns typ
RL = 300 Ω, CL = 35 pF;
19
19
ns max
VS = 2 V, Test Circuit 4
tOFF
4
4
ns typ
RL = 300 Ω, CL = 35 pF;
6
6
ns max
VS = 2 V, Test Circuit 4
Charge Injection
1
1
pC typ
VS = 1 V, RS = 0 Ω, CL = 1.0 nF;
Test Circuit 5
Off Isolation
–75
–65
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 MHz;
Test Circuit 6
–3 dB Bandwidth
180
280
MHz typ RL = 50 Ω, CL = 5 pF, Test Circuit 7
CS (OFF)
4
4
pF typ
CD (OFF)
4
4
pF typ
CD, CS (ON)
26
15
pF typ
POWER REQUIREMENTS
VDD = +3.3 V
IDD
0.001
0.001
µA typ
Digital Inputs = 0 V or +3.3 V
0.1
0.5
0.1
0.5
µA max
NOTES
1Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(VDD = +3 V
10%, GND = 0 V, unless otherwise noted.)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com