Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMP9701 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HMP9701
Description  AC??7 Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP9701 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HMP9701 Datasheet HTML 9Page - Intersil Corporation HMP9701 Datasheet HTML 10Page - Intersil Corporation HMP9701 Datasheet HTML 11Page - Intersil Corporation HMP9701 Datasheet HTML 12Page - Intersil Corporation HMP9701 Datasheet HTML 13Page - Intersil Corporation HMP9701 Datasheet HTML 14Page - Intersil Corporation HMP9701 Datasheet HTML 15Page - Intersil Corporation HMP9701 Datasheet HTML 16Page - Intersil Corporation HMP9701 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
Input Voltages. . . . . . . . . . . . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Operating Conditions
Temperature Range
HMP9701CN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
TQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
76
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air. Dissipation rating assumes device is mounted with
all leads soldered to printed circuit board.
Electrical Specifications
VCC = 5.0V, TA = 25
oC, Note 2
PARAMETER
SYMBOL
TEST CONDITION
HMP9701CN
UNITS
MIN
TYP
MAX
POWER SUPPLY CHARACTERISTICS
Power Supply Current
Digital ICCOP
fCLK = 24.576MHz,
VDD = 5.0V,
Outputs Not Loaded
-
-
35
mA
Analog ICCOP fCLK = 24.576MHz,
VAA = 5.0V,
Outputs Not Loaded
-
-
80
mA
Power Supply Rejection (1kHz, 10mVRMS)
-
50
-
dB
DIGITAL I/O
Input Logic High Voltage
Digital Inputs
VIH
VDD = Max
2.0
-
-
V
XTL_IN
0.7 *VDD
--
V
Input Logic Low Voltage
Digital Inputs
VIL
VDD = Min
-
-
0.8
V
XTL_IN
-
-
0.3*VDD
V
Input Logic Current
IIH, IIL
VDD = Max
Input = 0V or 5.25V
-10
-
+10
µA
Output Logic High Voltage
VOH
IOH = -4mA, VDD = Max
2.4
-
-
V
Output Logic Low Voltage
VOL
IOL = 4mA, VDD = Min
-
-
0.4
V
Three-State Output Current Leakage
IOZ
-10
-
+10
µA
Rise/Fall Time (SDATA_IN, BIT_CLK)
tr, tf
Note 2
-
-
6.0
ns
Input/Output Capacitance
CIN
CLK Frequency = 1MHz,
Note 3, All Measurements
Referenced to Ground TA = 25
oC
--
8
pF
HMP9701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com