Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMP9701 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HMP9701
Description  AC??7 Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP9701 Datasheet(HTML) 1 Page - Intersil Corporation

  HMP9701 Datasheet HTML 1Page - Intersil Corporation HMP9701 Datasheet HTML 2Page - Intersil Corporation HMP9701 Datasheet HTML 3Page - Intersil Corporation HMP9701 Datasheet HTML 4Page - Intersil Corporation HMP9701 Datasheet HTML 5Page - Intersil Corporation HMP9701 Datasheet HTML 6Page - Intersil Corporation HMP9701 Datasheet HTML 7Page - Intersil Corporation HMP9701 Datasheet HTML 8Page - Intersil Corporation HMP9701 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Semiconductor
Features
• Fully Compatible with the Audio Codec ‘97 Standard
• High Fidelity 16-Bit
Σ∆ Converters
- DAC SNR > 80dB
- ADC SNR > 80dB
• Additional A/D for Microphone Pass-Through
• AC Link Serial Interface Compatible with AC’97 Digital
Controllers
• Fixed 48kHz Sampling Rate
• 6 Channel Input Mixer
• Programmable Powerdown Modes
• 48 Lead TQFP Package
• Single +5V Supply
Applications
• Multimedia PC Applications
- Desk Top PCs
- Notebook PCs
- Sound Cards
- Motherboards
• Video Conferencing
• Speaker Phones
Table of Contents
Page
Functional Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Serial Digital Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Control Register Description . . . . . . . . . . . . . . . . . . . . . . . . 8
Pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
AC and DC Electrical Specifications . . . . . . . . . . . . . . . . . 13
Typical Performance Curves
ADC/DAC Frequency Responses . . . . . . . . . . . . . . . . . 17
AC Timing Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Schematic Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Description
The HMP9701 is the next generation PC based audio codec
solution. The HMP9701 is fully compatible to the new AC’97
standard and, as such, interfaces to any AC’97 compliant digital
controller. The HMP9701 offers the designer a solution to sat-
isfy the demand for flexibility and improved High Fidelity sound
in a PC environment. As part of the AC’97 PC audio standard
architecture, the HMP9701 helps pave the way for PC’97 com-
pliant desktop, portable and entertainment PCs with a cost
effective high-quality audio solution.
As the analog front end of the AC’97 chipset, the HMP9701
accepts line level audio inputs from seven different sources and
converts the analog audio to 16-bit digital streams of either ste-
reo or mono data. The 48 Kss data is transmitted to the control-
ler via the AC’97 standard five wire interface. The controller
sends digital audio data to the HMP9701 to be converted to
analog stereo or monaural line output using two DACs.
We include an additional ADC to be used for Acoustic Echo
Canceling needed for video conferencing applications. This
ADC has a dedicated microphone input. It has the same high
quality performance as the stereo ADCs. The small 48 lead
TQFP (Thin 1.5mm and 7mm x 7mm footprint Quad Flat Pack-
age) makes it easy to locate the analog codec close to the ana-
log sources. Thus, reducing noise and lowering the cost of
implementation.
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HMP9701CN
0 to 70
48 Ld TQFP
†
Q48.7x7A
HMP9701EVAL2
PCI Bus Evaluation Board (Includes codec)
† TQFP is also known as PQFP and MQFP.
November 1998
HMP9701
AC’97 Audio Codec
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1998
File Number
4287.4
FOR
A POSSIBLE
SUBSTITUTE
PRODUCT
call
Central
Applications
1-800-442-7747
or email:
centapp@harris.com
OBSOLETE
PRODUCT


Similar Part No. - HMP9701

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
November 1998
HMP9701ACN INTERSIL-HMP9701ACN Datasheet
172Kb / 20P
AC??7 Audio Codec
November 1998
HMP9701EVAL2 INTERSIL-HMP9701EVAL2 Datasheet
172Kb / 20P
AC??7 Audio Codec
November 1998
More results

Similar Description - HMP9701

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
AC??7 Rev 2.1 Multimedia Audio CODEC
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
November 1998
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Wolfson Microelectronic...
WM9715L WOLFSON-WM9715L Datasheet
906Kb / 77P
AC??7 Audio and Touchpanel CODEC
WM9712L WOLFSON-WM9712L_11 Datasheet
617Kb / 78P
AC??7 Audio and Touchpanel CODEC
logo
Cirrus Logic
WM9713L CIRRUS-WM9713L Datasheet
2Mb / 133P
AC??7 Audio and Touchpanel Codec
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Realtek Semiconductor C...
ALC650-VF REALTEK-ALC650-VF Datasheet
791Kb / 46P
SIX-CHANNEL AC??7 AUDIO CODEC
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com