Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1013CEN Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AP1013CEN
Description  18V 1ch H-Bridge Motor Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1013CEN Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AP1013CEN Datasheet HTML 1Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 2Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 3Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 4Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 5Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 6Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 7Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 8Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
[AP1013CEN]
014011278-E-01
2014/12
- 4 -
6. Pin Configurations and Functions
Pin Configurations
Functions
No
Pin Name
I/O
Description
Note
1
PSAVE
I
Power save input terminal
100kΩ Pull-up
2
DGND
P
Ground terminal
3
VG
O
Connect terminal of charge pump output capacitor
4
CH
O
Connect terminal of charge pump capacitor
5
CL
O
Connect terminal of charge pump capacitor
6
VC
P
Control power supply terminal
7
VIO
P
Power supply terminal for logic input
8,9
OUTA
O
Motor driver output terminal
10,11
VM
P
Motor driver power supply
12,13
OUTB
O
Motor driver output terminal
14
INA
I
Control signal input terminal
15
INB
I
Control signal input terminal
16
EN
I
Enable signal input terminal
100kΩ Pull-up
EP
PGND
P
Power ground terminal
Exposed Pad
Note 1.
I (Input terminal), O(Output terminal) and P (Power terminal)
1
2
3
4
12
11
10
9
OUT
B
INA
INB
EN
OUTA
VIO
VC
CL
(Top View)
EP
Note) EP(Exposed Pad) is Power Ground.
The Exposed Pad is necessary soldered to PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com