Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1013CEN Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AP1013CEN
Description  18V 1ch H-Bridge Motor Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1013CEN Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AP1013CEN Datasheet HTML 1Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 2Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 3Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 4Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 5Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 6Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 7Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 8Page - Asahi Kasei Microsystems AP1013CEN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
[AP1013CEN]
014011278-E-01
2014/12
- 5 -
Terminal Equivalent Circuit
Pin name
Name
Functions
Equivalent Circuits
6
VC
Control power supply
7
VIO
Power supply for logic input
10,11
VM
Motor driver power supply
1
16
PSAVE
EN
Logic input
(Built-in pull-up resistor)
14
15
INA
INB
Control signal input
8,9
12,13
OUTA
OUTB
Motor driver output
3
4
VG
CH
Connect terminal of charge
pump output capacitor
Connect terminal of charge
pump capacitor
5
CL
Connect terminal of charge
pump capacitor
2
EP
DGND
PGND
Ground terminal
Power ground terminal
2kΩ
2kΩ
VM
OUTA
PGND
OUTB
CH
VM
VG
VC
CL
PGND
DGND
PGND
VIO
100kΩ
2kΩ
2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com