Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1013DEN Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AP1013DEN
Description  18V 1ch H-Bridge Motor Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1013DEN Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP1013DEN Datasheet HTML 3Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 4Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 5Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 6Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 7Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 8Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 9Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 10Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
[AP1013DEN]
014012798-E-00
2014/11
- 7 -
7. Absolute Maximum Ratings
Parameter
Symbol
min
max
Unit
Note
Control power supply voltage
VC
-0.5
6
V
Logic terminal supply voltage
VIO
-0.5
6
V
Motor driver power supply voltage
VM
-0.5
19
V
VC, VIO level terminal voltage
(PSAVEB, SEL, INA, INB, CL)
Vterminal1
-0.5
5.5
V
VM level terminal voltage
(OUTA, and OUTB)
Vterminal2
-0.5
19
V
VG, CH terminal voltage
Vterminal3
-0.5
25
V
Maximum DC output current
IloaddcMD
-
1.3
A
OUTA and OUTB terminal
Maximum peak output current
IloadpeakMD
-
2.2
3.3
5.0
A
OUTA and OUTB terminal
Under 10ms in 200ms
Under 5ms in 200ms
Under 2ms in 200ms
Power dissipation
PD
-
2083
mW
(Note 4) Ta=25℃
-
1083
mW
(Note 4) Ta=85℃
Operating Temperature range
Ta
-30
85
Junction temperature
Tj
-
150
Storage temperature
Tstg
-65
150
Note 2. All above voltage is defined to VSS (DGND/PGND terminal voltage)
Note 3. Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the products on the verge of
suffering physical damages, and therefore products must be used under conditions that ensure that the
absolute maximum ratings are not exceeded.
Note 4. When 2-layer board is used, this is calculated RθJ=60℃/W. EP terminal should be connected to
ground.
Note 5. Input terminal does not work until input logic terminal power supplies VIO, and is handled as “L”
fixation.
Note 6. The each power supply of VM, VC and VIO is sequence-free.
Figure 2. Power Dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com