Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1013DEN Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AP1013DEN
Description  18V 1ch H-Bridge Motor Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1013DEN Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AP1013DEN Datasheet HTML 4Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 5Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 6Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 7Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 8Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 9Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 10Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 11Page - Asahi Kasei Microsystems AP1013DEN Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
[AP1013DEN]
014012798-E-00
2014/11
- 8 -
8. Recommended Operating Conditions
Parameter
Symbol
min
typ
max
Unit
Control power supply voltage
VC
2.7
3.3
5.5
V
Logic terminal supply voltage
VIO
1.62
1.8/3.3
VC
V
Motor driver power supply voltage
VM
2.0
-
18
V
Input frequency range
Fin
-
-
200
kHz
9. Electrical Characteristics
(Ta=25℃,VM=15V,VC=3.3V and VIO= 3.3V, unless otherwise specified.)
Parameter
Symbol
Test conditions
min
typ
max
Unit
Charge pump
Charge pump voltage
VG
VG=VC+VM
18.0
18.2
18.3
V
Charge pump wake up time
VG
VG=VC+VM-0.3V
0.1
0.36
3
ms
VDET1
VC under voltage detect voltage
VCDETLV
1.9
2.2
2.5
V
TSD
Thermal shut down temperature
(Note 7)
TDET
150
175
200
C
Temperature hysteresis (Note 7)
TDETHYS
20
30
40
C
Quiescent current
VM quiescent current
at no power
IVMNOPOW
VC=0V
-
-
1
A
VM quiescent current at standby
IVMSTBY
PSAVEB=”H”, SEL=”H”,
No load
-
16
50
A
VC quiescent current at standby
IVCSTBY
PSAVEB=”H”, SEL=”H”,
No load
-
150
400
A
VC quiescent current
at power save
IVMPSAVE
PSAVEB=”L”, SEL=”H”
-
-
1
A
VC quiescent current at PWM
operation
IVCPWM
fpwm=200kHz
-
0.5
0.8
mA
Motor Driver
Driver on resistance
(High side or Low side)
RON1
VC=3.3V, Iload=100mA
Ta=25C
-
0.19
0.27
Driver on resistance
(High side or Low side) (Note 7)
RON2
Design
certification
VC=3.3V, Iload=1.0A
Ta=25C (Equivalent
Tj=50C)
-
0.21
0.29
Driver on resistance
(High side or Low side) (Note 7)
RON3
Design
certification
VC=3.3V, Iload=1.0A
Ta=85C (Equivalent
Tj=115C)
-
0.25
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com