Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2061AEC Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AP2061AEC
Description  2.0A High-side LED Driver for Camera Flash with I2C
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2061AEC Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AP2061AEC Datasheet HTML 1Page - Asahi Kasei Microsystems AP2061AEC Datasheet HTML 2Page - Asahi Kasei Microsystems AP2061AEC Datasheet HTML 3Page - Asahi Kasei Microsystems AP2061AEC Datasheet HTML 4Page - Asahi Kasei Microsystems AP2061AEC Datasheet HTML 5Page - Asahi Kasei Microsystems AP2061AEC Datasheet HTML 6Page - Asahi Kasei Microsystems AP2061AEC Datasheet HTML 7Page - Asahi Kasei Microsystems AP2061AEC Datasheet HTML 8Page - Asahi Kasei Microsystems AP2061AEC Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
[AP2061AEC]
MS1603-E-00
- 1 -
2014/01
1. Genaral Description
The AP2061 is a white LED driver IC for camera flash applications of portable equipment. The device
integrates a current mode synchronous boost DC-DC converter and maximum 2A current sources. The internal
boost DC-DC converter integrates a switching FET and synchronous rectifier, and supports a small size
multilayer inductor with 4MHz switching frequency. The internal current sources allow for grounded cathode
connections for easier heat dissipation and simple LED arrangement. The AP2061 includes eight protections
that are LED thermal detection, inductor current limitation, input voltage detection, over voltage protection,
under voltage lock out, device thermal protection, LED open/short protection and output-ground short
protection to avoid significant system problems. Flash current, torch current, inductor limit current and flash
on-time is programmable through I
2C interface. The AP2061 is housed in a small size package (16-pin CSP:
1.56mm x 1.56mm, 0.4mm pitch), saving much space on a system board.
2. Features
Power Supply Voltage:
VIN = 2.7V to 5.5V
LED Current:
Total ILED = 2.0A (max), ILED/ch = 1.0A/ch (max)
High-Side Current Source
High Efficiency
Switching Frequency:
Frequency= 4.0 MHz
— Support small size inductor
Automatically Selected Working Mode (DC-DCBypass)
Synchronization With RF power-Amplifier Pulse
Input Voltage Detection Function
I2C Function:
Flash LED current setting
Torch LED current setting
Flashing on-time setting
Current limit value setting
LED thermal detection voltage setting
Battery detection voltage setting
Error read support
Protection Function:
LED thermal detection
Inductor current limit
Input voltage detection
Over voltage protection (OVP)
Under voltage lock out (UVLO)
Thermal shutdown
LED open/short
Output-ground short
Operation Temperature :
Ta: -30 to 85C
Package:
16-pin CSP (1.56 x 1.56mm, 0.4mm pitch)
2.0A High-side LED Driver for Camera Flash with I
2C
AP2061AEC


Similar Part No. - AP2061AEC

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP2061 AKM-AP2061 Datasheet
1Mb / 24P
2.0A High-side LED Driver for Camera Flash with I2C
More results

Similar Description - AP2061AEC

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
logo
Rohm
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
Flash LED Driver for mobile phone with camera
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612_08 Datasheet
296Kb / 14P
Programmable 300mA Camera Flash LED Driver
logo
Exar Corporation
XRP6840 EXAR-XRP6840 Datasheet
664Kb / 17P
4.3A Supercapacitor Flash LED Driver with I2C
logo
Asahi Kasei Microsystem...
AP2061 AKM-AP2061 Datasheet
1Mb / 24P
2.0A High-side LED Driver for Camera Flash with I2C
logo
Skyworks Solutions Inc.
AAT1282 SKYWORKS-AAT1282 Datasheet
3Mb / 22P
2A Driver for High Intensity LED Camera Flash
logo
Asahi Kasei Microsystem...
AP2063AEC AKM-AP2063AEC Datasheet
1Mb / 27P
2.0A High-side LED Driver for Camera Flash with I2C
logo
ON Semiconductor
NCP6951B ONSEMI-NCP6951B Datasheet
429Kb / 35P
Camera PMIC with Flash LED Driver
November, 2015 ??Rev. 0
logo
Rohm
BD6164GUT ROHM-BD6164GUT Datasheet
558Kb / 21P
320mA LED Camera Flash Driver
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
1.5A LED Camera Flash Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com