Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2798 Datasheet(PDF) 13 Page - NEC

Part # UPC2798
Description  IF DOWN CONVERTOR IC FOR DIGITAL CATV
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2798 Datasheet(HTML) 13 Page - NEC

Back Button UPC2798 Datasheet HTML 9Page - NEC UPC2798 Datasheet HTML 10Page - NEC UPC2798 Datasheet HTML 11Page - NEC UPC2798 Datasheet HTML 12Page - NEC UPC2798 Datasheet HTML 13Page - NEC UPC2798 Datasheet HTML 14Page - NEC UPC2798 Datasheet HTML 15Page - NEC UPC2798 Datasheet HTML 16Page - NEC UPC2798 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet P11998EJ3V0DS00
13
µµµµPC2798GR
STANDARD CHARACTERISTICS (by measurement circuit 5)
0
–20
–40
–60
–80
VCC1 = 5 V
VCC2 = 5 V
f1 = 44 MHz
f2 = 46 MHz
fOSC = 55 MHz
POSC = –10 dBm
G1A–G1B: open
–50
–40
–30
–20
–10
0
OUTPUT POWER vs. INPUT POWER
0
–20
–40
–60
–80
VCC1 = 5 V
VCC2 = 5 V
f1 = 44 MHz
f2 = 46 MHz
fOSC = 55 MHz
POSC = –10 dBm
G1A–G1B: short
–50
–40
–30
–20
–10
0
OUTPUT POWER vs. INPUT POWER
Pin - Input Power (50
Ω)/tone - dBm
0
–20
–40
–60
–80
VCC1 = 5 V
VCC2 = 9 V
f1 = 44 MHz
f2 = 46 MHz
fOSC = 55 MHz
POSC = –10 dBm
G1A–G1B: open
–50
–40
–30
–20
–10
0
OUTPUT POWER vs. INPUT POWER
Pin - Input Power (50
Ω)/tone - dBm
Pin - Input Power (50
Ω)/tone - dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com