Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP9521 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HSP9521
Description  Multilevel Pipeline Registers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP9521 Datasheet(HTML) 2 Page - Intersil Corporation

  HSP9521 Datasheet HTML 1Page - Intersil Corporation HSP9521 Datasheet HTML 2Page - Intersil Corporation HSP9521 Datasheet HTML 3Page - Intersil Corporation HSP9521 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Block Diagram
REG. A1
REG. A2
REG. B1
REG. B2
MUX
Y0 - Y7
OE
S0
S1
D0 - D7
CLK
I1
I0
8
8
Pin Descriptions
NAME
DIP PIN
TYPE
DESCRIPTION
VCC
24
The +5V Power Supply Pin. A 0.1
µF capacitor between the VCC and GND pin is recommended.
GND
12
The device ground.
CLK
11
I
Input Clock. Data is latched on the low to high transition of this clock signal. Input setup and hold times with
respect to the clock must be met for proper operation.
D0-7
3-10
I
Data Input Port. These inputs are used to supply the 8 bits of data which will be latched into the selected
register on the next rising clock edge.
Y0-7
21-14
O
Data Output Port. This 8-bit port provides the output data from the four internal registers. They are provided in
a multiplexed fashion, and are controlled via the multiplexer control inputs (S0 and S1).
I0, I1
1, 2
I
Instruction Control Inputs. These inputs are used to provide the instruction code which determines the internal
register pipeline configuration. Refer to the Instruction Control Table for the specific codes and their associated
configurations.
S0, S1
23, 22
I
Multiplexer Control Inputs. These inputs select which of the four internal registers contents will be available at
the output port. Refer to the Register Select Table for the codes to select each register.
OE
13
I
Output Enable. This input controls the state of the output port (Y0 - Y7). A LOW on this control line enables
the port for output. When OE is HIGH, the output drivers are in the high impedance state. Internal latching or
transfer of data is not affected by this pin.
HSP9520, HSP9521



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com