Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP9521 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HSP9521
Description  Multilevel Pipeline Registers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP9521 Datasheet(HTML) 3 Page - Intersil Corporation

  HSP9521 Datasheet HTML 1Page - Intersil Corporation HSP9521 Datasheet HTML 2Page - Intersil Corporation HSP9521 Datasheet HTML 3Page - Intersil Corporation HSP9521 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input or Output Voltage Applied . . . . . . . . . . GND -0.5 to VCC +0.5V
Operating Conditions
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -4.75V to 5.25V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
67
SOIC Package . . . . . . . . . . . . . . . . . . .
77.0
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
VCC = 5.0V ±5%, TA = 0
oC to 70oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Logical One Input Voltage
VIH
VCC = 5.25V
2.0
-
V
Logical Zero Input Voltage
VIL
VCC = 4.75V
-
0.8
V
Output HIGH Voltage
VOH
IOH = -6.5mA, VCC - 4.75V
2.4
-
V
Output LOW Voltage
VOL
IOH = +20.0mA, VCC = 4.75V
-
0.5
V
Input Leakage Current
II
VIN = VCC or GND, VCC = 5.25V
-10
-10
µA
Output Leakage Current
IO
VOUT = VCC or GND, VCC = 5.25V
-10
-10
µA
Standby Power Supply Current
ICCSB
VIN = VCC or GND, VCC = 5.25V Outputs Open
-
500
µA
Operating Power Supply Current
ICCOP
f = 5.0MHz, VIN = VCC or GND, VCC = 5.25V, Outputs
Open (Note 2)
-12
mA
Input Capacitance
CIN
FREQ = 1MHZ, VCC = Open, All Measurements are
Referenced to Device Ground
-12
pF
Output Capacitance
CO
-
12
pF
AC Electrical Specifications
VCC = 5.0V ±5%, TA = 0
oC to 70oC (Note 3)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Clock to Data Out
tPD
-21
ns
Mux Select to Data Out
tSELD
-20
ns
Input Setup Time (DO-7/10-7)
tS
10
-
ns
Input Hold Time (DO-7/10-7)
tH
3-
ns
Output Enable Time
tENA
-20
ns
Output Disable Time
tDIS
(Note 4)
-
13
ns
Clock Pulse Width
tPW
10
-
ns
NOTES:
2. Power supply current is proportional to frequency. Typical rating for ICCOP is 2.4mA/MHz.
3. AC Testing is performed as follows: Input levels: 0V and 3.0V, timing reference levels = 1.5V, input rise and fall times driven at 1ns/V, output
load CL = 40pF.
4. Controlled by design or process parameters and not directly tested. Characterized upon initial design and after major design and/or process
changes.
HSP9520, HSP9521



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com