Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC305 Datasheet(PDF) 1 Page - NEC

Part # UPC305
Description  POSITIVE VOLTAGE STABILIZED POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC305 Datasheet(HTML) 1 Page - NEC

  UPC305 Datasheet HTML 1Page - NEC UPC305 Datasheet HTML 2Page - NEC UPC305 Datasheet HTML 3Page - NEC UPC305 Datasheet HTML 4Page - NEC UPC305 Datasheet HTML 5Page - NEC UPC305 Datasheet HTML 6Page - NEC UPC305 Datasheet HTML 7Page - NEC UPC305 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUT
µµµµPC305
POSITIVE VOLTAGE STABILIZED POWER SUPPLY
Document No. G10633EJ3V0DS00 (3rd edition)
Date Published December 1999 N CP(K)
Printed in Japan
DATA SHEET
©
1999
DESCRIPTION
The
µPC305 is a high-performance stabilized power supply that can supply a constant voltage in a wide
temperature range even if the input voltage or load voltage fluctuates, by integrating a high-gain error amplifier and a
temperature-compensating constant-voltage diode on a single chip.
FEATURES
PIN CONFIGURATION (Top View)
• Wide output voltage variable range Vo: 4.5 to 30 V, VDIF: 3 to 30 V
• Excellent load stability
0.02%
• Good ripple rejection ratio
0.003%/V
ORDERING INFORMATION
Part Number
Package
µPC305C
8-pin plastic DIP (7.62 mm (300))
µPC305G2
8-pin plastic SOP (5.72 mm (225))
EQUIVALENT CIRCUIT
3
2
1
8
7
6
5
4
Input
Current output
Current limiter
Output
Compensation
Error detection
Reference voltage
GND
Q18
Q1
R5
2.2 k
Ω
C1
5 pF
Q2
Q3
Q17
Q16
Q5
Q15
Q14
Q9
Q7
Q8
Q10
Q13
Q12
Q11
Q4
R4
3 k
Ω
R3
6.8 k
Ω
R2
3 k
Ω
R6
4.4 k
Ω
Q6
R10
600
Ω
R8
1.86 k
Ω
R9
1.32 k
Ω
R7 2.8 k
Ω
D1
1
2
3
4
8
7
6
5
Current limiter
Current output
Input
GND
Output
Compensation
Error detection
Reference voltage
PC305C, 305G2
µ


Similar Part No. - UPC305

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC305 RENESAS-UPC305 Datasheet
296Kb / 9P
BIPOLAR ANALOG INTEGRATED CIRCUT
2003
UPC305G2 RENESAS-UPC305G2 Datasheet
296Kb / 9P
BIPOLAR ANALOG INTEGRATED CIRCUT
2003
More results

Similar Description - UPC305

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
1N4728A RENESAS-1N4728A Datasheet
166Kb / 6P
Silicon Planar Zener Diodes for Stabilized Power Supply
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
Silicon Planar Zener Diode for Stabilized Power Supply
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A1 SECOS-HZ2A1 Datasheet
751Kb / 5P
Silicon Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
logo
Motorola, Inc
MC1560 MOTOROLA-MC1560 Datasheet
4Mb / 12P
POSITIVE-POWER-SUPPLY VOLTAGE REGULATOR INTEGRATED CIRCUIT
logo
WAGO Kontakttechnik Gmb...
288-815 WAGO-288-815 Datasheet
184Kb / 6P
stabilized power supply; Input voltage: 230 VAC; 짹15 VDC output voltage; 2 x
288-808 WAGO-288-808 Datasheet
171Kb / 6P
stabilized power supply; Input voltage: 230 VAC; 12 VDC output voltage; 0.5
logo
Renesas Technology Corp
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com