Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC305 Datasheet(PDF) 2 Page - NEC

Part # UPC305
Description  POSITIVE VOLTAGE STABILIZED POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC305 Datasheet(HTML) 2 Page - NEC

  UPC305 Datasheet HTML 1Page - NEC UPC305 Datasheet HTML 2Page - NEC UPC305 Datasheet HTML 3Page - NEC UPC305 Datasheet HTML 4Page - NEC UPC305 Datasheet HTML 5Page - NEC UPC305 Datasheet HTML 6Page - NEC UPC305 Datasheet HTML 7Page - NEC UPC305 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet G10633EJ3V0DS00
2
µµµµPC305
ABSOLUTE MAXIMUM RATINGS (Unless otherwise specified, TA = 25
°°°°C)
Parameter
Symbol
µPC305C
µPC305G2
Unit
Input Voltage
VIN
−0.3 to +40
V
Input
− Output Voltage Difference
VDIF
40
V
Maximum Output Current
IO
50
mA
Total Loss
PT
350
Note 1
440
Note 2
mW
Operating Temperature
TA
0 to +70
°C
Storage Temperature
Tstg
−55 to +125
°C
Notes 1. Where TA > +55
°C, perform derating at TJ MAX. 125°C, −5 mW/°C.
2. Where TA > +25
°C, perform derating at TJ MAX. 125°C, −4.4 mW/°C.
Caution If any of the parameters exceeds the absolute maximum ratings, even momentarily, the quality of
the product may be impaired.
The absolute maximum ratings are values that may physically
damage the product(s). Be sure to use the product(s) within the ratings.
ELECTRICAL SPECIFICATIONS (Unless otherwise specified, TA = 25
°°°°C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input Voltage Range
VIN
8.0
40
V
Output Voltage Range
VOUT
4.5
30
V
Input
− Output Voltage Difference
VDIF
3.0
30
V
Load Stability
REGL
0
≤ IO ≤ 12 mA, RSC = 18 Ω
0.02
0.05
%
VIN – VOUT
≤ 5 V
0.025
0.06
%/V
Input Stability
REGIN
VIN – VOUT > 5 V
0.015
0.03
%/V
Ripple Rejection Ratio
REJ
CREF = 10
µF, f = 120 Hz
0.003
%/V
Temperature Stability
0
°C ≤ TA ≤ 70°C0.3
1.0
%
Reference Voltage
VREF
1.65
1.8
1.90
V
10 Hz
≤ f ≤ 10 kHz, CREF = 0
µF
0.005
%
Output Noise Voltage
VN
CREF = 0.1
µF
0.002
%
Long-time Stability
0.1
%
Supply Current under No Load
ICC
VIN = 40 V
1.0
2.0
mA
Remark RSC : Current-limiting resistor
CREF : Bypass capacitor of reference voltage pin



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com