Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052CDD Datasheet(PDF) 2 Page - Intersil Corporation

Part # LCL8052CDD
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052CDD Datasheet(HTML) 2 Page - Intersil Corporation

  LCL8052CDD Datasheet HTML 1Page - Intersil Corporation LCL8052CDD Datasheet HTML 2Page - Intersil Corporation LCL8052CDD Datasheet HTML 3Page - Intersil Corporation LCL8052CDD Datasheet HTML 4Page - Intersil Corporation LCL8052CDD Datasheet HTML 5Page - Intersil Corporation LCL8052CDD Datasheet HTML 6Page - Intersil Corporation LCL8052CDD Datasheet HTML 7Page - Intersil Corporation LCL8052CDD Datasheet HTML 8Page - Intersil Corporation LCL8052CDD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
5-7
Pinouts
Functional Block Diagram
ICL8052/ICL8068
(CERDIP, PDIP)
TOP VIEW
ICL7104
(PDIP)
TOP VIEW
V-
COMP OUT
REF CAP
REF BYPASS
GND
REF OUT
REF SUPPLY
INT OUT
+BUFF IN
+INT IN
-INT IN
-BUFF IN
BUFF OUT
V++
1
2
3
4
5
6
7
14
13
12
11
10
9
8
-1.2V
VREF
ICL8052/
ICL8068
(OUTLINE DWGS DD, JD, PD)
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
V++
DIG GND
STTS
POL
OR
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
NC
NC
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
V-
COMP IN
REFCAP 1
VREF
AZ
ANALOG
REFCAP 2
BUF IN
ANALOG I/P
V+
CE/LD
SEN
R/H
MODE
CLK 2
CLK 1
CLK 3
HBEN
LBEN
BIT 1
ICL7104-14
GND
V++
DIG GND
STTS
POL
OR
BIT 16
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
ICL7104-14
ICL7104-16
ICL7104-14
ICL7104-16
HBEN
MBEN
(OUTLINE DWGS DL,
JL, PL)
FIGURE 1. ICL8052A (8068A)/ICL7104 16-BIT/14-BIT A/D CONVERTER FUNCTIONAL DIAGRAM
A2
+
-
A3
+
-
INTEG.
COMP.
A1
+
-
BUFFER
14
11
9
INT OUT
-INT IN
BUF OUT
10
-BUF IN
-1.2V
2
50k
Ω
-15V
+5V
RINT
CINT
1
-15V
7
8
+15V
CAZ
12
+INT IN
13
8052/8068
INT.
REF.
6
3
+BUF IN
5
REF
OUT
5k
Ω
10k
Ω
300pF
10
µF
COMP
OUT
COMP IN
300k
Ω
39
36
33
8 9
6 7
12 13
10 11
16 17
14 15
20 21
18 19
5
4
14 13
16 15
10 9
12 11
6 5
87
2 1
43
OR POL
THREE-STATE OUTPUTS
LATCHES
COUNTER
24 HBEN
23 MBEN
22 LBEN
30 CE/LD
CONTROL LOGIC
ZERO
CROSSING
DETECTOR
29
27
28
7104
+BUF IN
AZ
SW3
SW5
SW4
SW6
SW8
SW2
SW9
SW7
SW1
34
REF CAP (2)
REF CAP (1)
38
CREF
37
32
35
ANALOG
GND
ANALOG
INPUT
VREF
SEN
MODE
R/H
BITS
3
STTS
26
CLOCK
25
CLOCK
40
-15V
2
1
+15V
31
+5V
(2)
(1)
ICL8052/ICL7104, ICL8068/ICL7104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com