Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052CDD Datasheet(PDF) 3 Page - Intersil Corporation

Part # LCL8052CDD
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052CDD Datasheet(HTML) 3 Page - Intersil Corporation

  LCL8052CDD Datasheet HTML 1Page - Intersil Corporation LCL8052CDD Datasheet HTML 2Page - Intersil Corporation LCL8052CDD Datasheet HTML 3Page - Intersil Corporation LCL8052CDD Datasheet HTML 4Page - Intersil Corporation LCL8052CDD Datasheet HTML 5Page - Intersil Corporation LCL8052CDD Datasheet HTML 6Page - Intersil Corporation LCL8052CDD Datasheet HTML 7Page - Intersil Corporation LCL8052CDD Datasheet HTML 8Page - Intersil Corporation LCL8052CDD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
5-8
Pin Descriptions
PIN NO.
SYMBOL
OPTION
DESCRIPTION
1
V++
Positive Supply Voltage: Nominally +15V.
2
GND
Digital Ground: 0V, ground return.
3
STTS
Status Output: HI during integrate and deintegrate until data is latched. LO when analog section
is in auto-zero configuration.
4
POL
Polarity: Three-state output. HI for positive input.
5
OR
Over Range: Three-state output.
6
BIT 16
BIT 14
-16
-14
Most Significant Bit (MSB).
7
BIT 15
BIT 13
-16
-14
DATA Bits: Three-state outputs. See Table 3 for format of ENABLES and bytes. HIGH = true.
8
BIT 14
BIT 12
-16
-14
9
BIT 13
BIT 11
-16
-14
10
BIT 12
BIT 10
-16
-14
11
BIT 11
BIT 9
-16
-14
12
BIT 10
NC
-16
-14
13
BIT 9
NC
-16
-14
14
BIT 8
15
BIT 7
16
BIT 6
17
BIT 5
18
BIT 4
19
BIT 3
20
BIT 2
21
BIT 1
Least Significant Bit (LSB).
22
LBEN
LOW BYTE ENABLE: If not in handshake mode (see pin 27) when LO (with CE/LD, pin 30)
activates low-order byte outputs, BITS 1-8. When in handshake mode (see pin 27), serves as a
low byte flag output. See Figures 11, 12, 13.
23
MBEN
-16
MID BYTE ENABLE: Activates Bits 9-16, see LBEN (pin 22)
HBEN
-14
HIGH BYTE ENABLE: Activates Bits 9-14, POL, OR, see LBEN (pin 22)
24
HBEN
-16
HIGH BYTE ENABLE: Activates POL, OR, see LBEN (pin 22).
CLOCK3
-14
RC oscillator pin: Can be used as clock output.
ICL8052/ICL7104, ICL8068/ICL7104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com