Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC337 Datasheet(PDF) 4 Page - NEC

Part # UPC337
Description  3-TERMINAL NEGATIVE ADJUSTABLE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC337 Datasheet(HTML) 4 Page - NEC

  UPC337 Datasheet HTML 1Page - NEC UPC337 Datasheet HTML 2Page - NEC UPC337 Datasheet HTML 3Page - NEC UPC337 Datasheet HTML 4Page - NEC UPC337 Datasheet HTML 5Page - NEC UPC337 Datasheet HTML 6Page - NEC UPC337 Datasheet HTML 7Page - NEC UPC337 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
µPC337
ELECTRICAL CHARACTERISTICS (VIN – VO = –5 V, IO = 0.5 A, 0
°C ≤ TJ ≤ +125 °C, unless otherwise
specified.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Line Regulation
REGIN
TJ = 25
°C, 3 V ≤ | VIN – VO | ≤ 40 VNote
0.005
0.04
%/V
0
°C ≤ TJ ≤ 125 °C, 3 V ≤ | VIN – VO | ≤ 40 VNote
0.01
0.07
%/V
Load Regulation
REGL
TJ = 25
°C,
| VO |
≤ 5 V
30
50
mV
10 mA
≤ IO ≤ 1.5 ANote
| VO |
≥ 5 V
0.6
1.0
%
0
°C ≤ TJ ≤ 125 °C,
| VO |
≤ 5 V
45
70
mV
10 mA
≤ IO ≤ 1.5 ANote
| VO |
≥ 5 V
0.9
1.5
%
Thermal Regulation
REGTH
TJ = 25
°C, | VIN – VO | = 40 V, VO = –10 V,
0.005
0.04
%/W
0 A
≤ IO ≤ 0.25 A, t = 10 ms
ADJ pin Output Current
IADJ
60
100
µA
IADJ Change
∆IADJ
TJ = 25
°C, 3 V ≤ | VIN – VO | ≤ 40 V,
2
5
µA
10 mA
≤ IO ≤ 1.5 A, PT ≤ 15 W
Reference Voltage
VREF
3 V
≤ | VIN – VO | ≤ 40 V,
–1.20
–1.25
–1.30
V
10 mA
≤ IO ≤ 1.5 A, PT ≤ 15 W
Temperature Stability of
∆VREF/∆T0 °C ≤ TJ ≤ 125 °C, IO = 5 mA
–0.6
%
VREF
Minimum Load Current
IOMIN.| VIN – VO | = 40 V
2.1
10
mA
Peak Output Current
IOpeak
3 V
≤ | VIN – VO | ≤ 15 V
1.5
2.3
2.9
A
TJ = 25
°C, | VIN – VO | = 40 V
0.15
0.8
A
Output Noise Voltage
Vn
TJ = 25
°C, 10 HZ ≤ f ≤ 10 kHz
0.002
%
(RMS)
Ripple Rejection
R • R
TJ = 25
°C, ∆VIN = 1 Vr.m.s
CADJ = 0
60
dB
f = 120 Hz, VO = –10 V
CADJ = 10
µF66
75
dB
Note Measured at constant junction temperature, using pulse testing with a low duty cycle.
PW = 10 ms, Duty Cycle
≤ 2 %



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com