Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC337 Datasheet(PDF) 5 Page - NEC

Part # UPC337
Description  3-TERMINAL NEGATIVE ADJUSTABLE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC337 Datasheet(HTML) 5 Page - NEC

  UPC337 Datasheet HTML 1Page - NEC UPC337 Datasheet HTML 2Page - NEC UPC337 Datasheet HTML 3Page - NEC UPC337 Datasheet HTML 4Page - NEC UPC337 Datasheet HTML 5Page - NEC UPC337 Datasheet HTML 6Page - NEC UPC337 Datasheet HTML 7Page - NEC UPC337 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
µPC337
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified.)
REGL vs TJ
TJ - Operating Junction Temperature -
°C
VIN = –10 V
VO = –5 V
–25
0
25
50
75
100
125
TJ = –20
°C
+25
°C
+125
°C
VIN –VO = –5 V
IO = 10 mA
CADJ = 10 F
VIN = –15 V
VO = –10 V
IO = 0.5 A
CIN = 1 F
CO = 4.7 F
CADJ = 0
TJ = –20
°C
TJ = +125
°C
TJ = +25
°C
TA - Operating Ambient Temperature -
°C
IOpeak vs VDIF
VREF vs TJ
VDIF - Input - Output Voltage Differential - V
f - Frequency - Hz
VDIF - Input - Output Voltage Differential - V
R . R vs VO
IOMIN. vs VDIF
TJ - Operating Junction Temperature -
°C
PT vs TA
25
50
75
100
125
25
20
15
10
–1.27
5
0
With 10
°C/W heatsink
No heatsink
Infinite heatsink
–10
10
–10
–20
–30
–40
100
1 k
10 k
100 k
–25
0
25
50
75
100
125
–20
–30
–40
2.0
1.5
1.0
0.5
0
–1.26
–1.25
–1.24
–1.23
0
1.0
2.0
3.0
0
1
2
3
4
90
80
70
60
50
40
30
20
10
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com