Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC337HF Datasheet(PDF) 1 Page - NEC

Part # UPC337HF
Description  3-TERMINAL NEGATIVE ADJUSTABLE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC337HF Datasheet(HTML) 1 Page - NEC

  UPC337HF Datasheet HTML 1Page - NEC UPC337HF Datasheet HTML 2Page - NEC UPC337HF Datasheet HTML 3Page - NEC UPC337HF Datasheet HTML 4Page - NEC UPC337HF Datasheet HTML 5Page - NEC UPC337HF Datasheet HTML 6Page - NEC UPC337HF Datasheet HTML 7Page - NEC UPC337HF Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3-TERMINAL NEGATIVE ADJUSTABLE REGULATOR
The
µPC337 is an adjustable 3-terminal negative voltage regulator, which has 1.5 A capable for the output
current. The output voltage can be set any value between –1.3 V and –30 V by two external resistors.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC337
Document No. G13783EJ2V0DS00 (2nd edition)
(Previous No. IN-1878)
Date Published October 1998 N CP(K)
Printed in Japan
The information in this document is subject to change without notice.
FEATURES
• Output current excess of 1.5 A
• On-chip some protection circuit (over current protec-
tion, SOA protection and thermal shut down).
ORDERING INFORMATION
Part Number
Package
µPC337HF
3-pin plastic SIP (MP-45G) (isolated TO-220)
EQUIVALENT CIRCUIT
PIN CONFIGURATION (Marking Side)
The mark
shows major revised points.
©
1986
DATA SHEET
123
1 : ADJ
2 : INPUT
3 : OUTPUT
Q1
Q2
R41
R36
R2
R3
R8
R5
R37
R39
R28
R29
R40
R34
R33
R35
R11
R10
R38
R27
R32
R31
R30
R26
R25
R7
R6
R9
R24
R23
R22
R13
R14
R16
R17
R15
R18
R20
R19
R21
C3
C1
C2
C4
C5
R4
R1
R42
Q3
Q4
Q8
Q5
Q23
Q7
Q28
Q6
D2
D3
D6
D5
D4
D1
Q29
ADJ
OUTPUT
INPUT
Q30
Q25
Q27
Q26
Q31
Q24
Q9
Q13
Q12
Q14
Q15
Q16 Q17
Q18
Q20
Q21
Q19
Q22
Q11
Q10
D7


Similar Part No. - UPC337HF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC337HF RENESAS-UPC337HF Datasheet
338Kb / 9P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1986
UPC337HF-AZ RENESAS-UPC337HF-AZ Datasheet
338Kb / 9P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1986
More results

Similar Description - UPC337HF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM333 NSC-LM333 Datasheet
247Kb / 8P
3-Ampere Adjustable Negative Regulator
logo
NTE Electronics
NTE957 NTE-NTE957 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Adjustable Negative Voltage Regulator
logo
Fairchild Semiconductor
KA337 FAIRCHILD-KA337 Datasheet
36Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
KA337 FAIRCHILD-KA337_10 Datasheet
62Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337_10 Datasheet
122Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
3-Terminal Adjustable Negative Regulators
logo
ON Semiconductor
KA337 ONSEMI-KA337 Datasheet
430Kb / 9P
3-Terminal 1.5 A Negative Adjustable Regulator
September 2014 Rev. 1.1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com