Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC337HF Datasheet(PDF) 2 Page - NEC

Part # UPC337HF
Description  3-TERMINAL NEGATIVE ADJUSTABLE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC337HF Datasheet(HTML) 2 Page - NEC

  UPC337HF Datasheet HTML 1Page - NEC UPC337HF Datasheet HTML 2Page - NEC UPC337HF Datasheet HTML 3Page - NEC UPC337HF Datasheet HTML 4Page - NEC UPC337HF Datasheet HTML 5Page - NEC UPC337HF Datasheet HTML 6Page - NEC UPC337HF Datasheet HTML 7Page - NEC UPC337HF Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
µPC337
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified.)
Parameter
Symbol
Rating
Unit
Input-Output Voltage Differential
VIN – VO
–40
V
Total Power Dissipation
PT
15Note
V
Operating Ambient Temperature
TA
–20 to +85
°C
Operating Junction Temperature
TJ
–20 to +150
°C
Storage Temperature
Tstg
–65 to +150
°C
Thermal Resistance (junction to case)
Rth(J-C)
7
°C/W
Thermal Resistance (junction to ambient)
Rth(J-A)
65
°C/W
Note Internally limited.
When operating junction temperature rise up to 150
°C (≤200 °C), the internal circuit shutdown output
voltage.
Caution Exposure to Absolute Maximum Ratings for extended periods may affect device reliability;
exceeding the ratings could cause permanent damage. The parameters apply independently.
The device should be operated within the limits specified under DC and AC Characteristics.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Input-Output Voltage Differential
VIN – VO
–3
–5
–38.7
V
Input Voltage
VIN
–4.3
–40
V
Output Voltage
VO
–1.3
–30
V
Output Current
IO
0.01
1.5
A
Operating Junction Temperature
TJ
–20
+125
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com