Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3309ARTZ-2.7-R71 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3309ARTZ-2.7-R71
Description  Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3309ARTZ-2.7-R71 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3309ARTZ-2.7-R71 Datasheet HTML 3Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 4Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 5Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 6Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 7Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 8Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 9Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 10Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADP3309
Rev. C | Page 7 of 12
00
120
96
72
48
24
0
025
50
75
1
OUTPUT LOAD (mA)
Figure 10. Dropout Voltage vs. Output Current
5
4
3
2
1
0
0
1
2
3
4321
0
VOUT = 3.3V
RL = 33Ω
INPUT VOLTAGE (V)
Figure 11. Power-Up/Power-Down
8
7
6
5
4
3
2
0
0
20
40
60
80
100
120
140
160
180
200
1
VIN
VOUT
VSD = VIN
CL = 0.47µF
RL = 33Ω
VOUT = 3.3V
TIME (µs)
Figure 12. Power-Up Overshoot
3.32
3.31
3.29
3.28
3.30
7.50
7.00
0
40
80
120
160
200
240
280
320
360
400
RL = 33Ω
CL = 0.47µF
VOUT = 3.3V
VIN
TIME (µs)
Figure 13. Line Transient Response
3.32
3.31
3.30
3.29
3.28
7.50
7.00
0
20
40
60
80
100
120
140
160
180
200
VOUT = 3.3V
RL = 3.3kΩ
CL = 0.47µF
VIN
TIME (µs)
Figure 14. Line Transient Response
3.32
3.31
3.30
3.29
3.28
100
10
0
100
200
300
400
500
VOUT = 3.3V
CL = 0.47µF
IOUT
TIME (µs)
Figure 15. Load Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com