Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3309ARTZ-2.7-R71 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3309ARTZ-2.7-R71
Description  Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3309ARTZ-2.7-R71 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3309ARTZ-2.7-R71 Datasheet HTML 4Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 5Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 6Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 7Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 8Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 9Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 10Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 11Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADP3309
Rev. C | Page 11 of 12
APPLICATION CIRCUITS
CROSSOVER SWITCH
The circuit in Figure 23 shows that two ADP3309s can be used
to form a mixed supply voltage system. The output switches
between two different levels selected by an external digital
input. Output voltages can be any combination of voltages from
the Ordering Guide of the data sheet.
+
+
ADP3309-2.7
ADP3309-3.3
IN
OUT
SD
IN
OUT
SD
GND
GND
VIN = 4V TO 12V
4V
0V
OUTPUT SELECT
C1
1µF
C2
0.47µF
VOUT = 2.7V/3.3V
Figure 23. Crossover Switch
HIGHER OUTPUT CURRENT
The ADP3309 can source up to 100 mA without any heat sink
or pass transistor. If higher current is needed, an appropriate
pass transistor can be used, as in Figure 24, to increase the
output current to 1 A.
+
ADP3309-3.3
IN
OUT
SD
GND
VIN = 4V TO 8V
C1
47µF
C2
10µF
VOUT = 3.3V @ 1A
ERR
R1
50Ω
MJE253*
*AAVID531002 HEAT SINK IS USED
Figure 24. Higher Output Current Linear Regulator
CONSTANT DROPOUT POST REGULATOR
The circuit in Figure 25 provides high precision with low
dropout for any regulated output voltage. It significantly
reduces the ripple from a switching regulator while providing a
constant dropout voltage, which limits the power dissipation of
the LDO to 30 mW. The ADP3000 used in this circuit is a
switching regulator in the step-up configuration.
+
ADP3309-3.3
IN
OUT
SD
GND
VIN = 2.5V TO 3.5V
C3
2.2µF
VOUT = 3.3V @ 100mA
R1
120Ω
C1
100µF
10V
L1
6.8µF
D1
1N5817
ADP3000-ADJ
ILIM
VIN
SW1
FB
SW2
GND
C2
100µF
10V
Q1
2N3906
R2
30.1kΩ
1%
R3
124kΩ
1%
Q2
2N3906
R4
274kΩ
Figure 25. Constant Dropout Post Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com