Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3309ARTZ-2.9-R71 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3309ARTZ-2.9-R71
Description  Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3309ARTZ-2.9-R71 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3309ARTZ-2.9-R71 Datasheet HTML 4Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 5Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 6Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 7Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 8Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 9Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 10Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 11Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADP3309
Rev. C | Page 8 of 12
3.32
3.31
3.30
3.29
3.28
100
10
0
100
200
300
400
500
VOUT = 3.3V
CL = 4.7µF
IOUT
TIME (µs)
Figure 16. Load Transient
300
200
100
0
4
2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VOUT
IOUT
VOUT = 3.3V
TIME (Seconds)
Figure 17. Short-Circuit Current
4
3
2
1
0
0
3
0
20
40
60
80
100
CL = 0.47µF
CL = 4.7µF
VOUT
VOUT = 3.3V
RL = 33Ω
3.3V
3V
VSD
TIME (µs)
Figure 18. Turn-On
4
3
2
1
0
3
0
010
20
30
40
50
VOUT = 3.3V
RL = 33Ω
CL = 0.47µF
3.3V
VSD
TIME (µs)
Figure 19. Turn-Off
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
0
–10
–20
VOUT = 3.3V
a. 0.47µF, RL = 33kΩ
b. 0.47µF, RL = 33Ω
c. 10µF, RL = 33kΩ
d. 10µF, RL = 33Ω
a
b
c
d
FREQUENCY (Hz)
b
d
a
c
Figure 20. Power Supply Ripple Rejection
10
1
0.1
0.01
100
1k
10k
100k
FREQUENCY (Hz)
VOUT = 3.3V, CL = 0.47µF
IL = 1mA
Figure 21. Output Noise Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com