Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3309ARTZ-2.9-R71 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3309ARTZ-2.9-R71
Description  Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3309ARTZ-2.9-R71 Datasheet(HTML) 1 Page - Analog Devices

  ADP3309ARTZ-2.9-R71 Datasheet HTML 1Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 2Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 3Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 4Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 5Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 6Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 7Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 8Page - Analog Devices ADP3309ARTZ-2.9-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
anyCAP® 100 mA
Low Dropout Linear Regulator
ADP3309
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
±1.2% accuracy over line and load regulations @ 25°C
Ultralow dropout voltage: 120 mV typical @ 100 mA
Requires only COUT = 0.47 μF for stability
anyCAP LDOs are stable with all types of capacitors
(including MLCC)
Current and thermal limiting
Low noise
Low shutdown current: 1 μA
2.8 V to 12 V supply range
−20°C to +85°C ambient temperature range
Several fixed voltage options
Ultrasmall 5-lead SOT-23 package
Excellent line and load regulations
APPLICATIONS
Cellular telephones
Notebook, palmtop computers
Battery-powered systems
PCMCIA regulator
Bar code scanners
Camcorders, cameras
FUNCTIONAL BLOCK DIAGRAM
Q1
Q2
THERMAL
PROTECTION
DRIVER
ADP3309
gm
CC
BANDGAP
REF
GND
R1
R2
OUT
IN
ERR/NC
SD
Figure 1.
GENERAL DESCRIPTION
The ADP3309 is a member of the ADP330x family of precision
low dropout anyCAP voltage regulators. It is pin-for-pin and
functionally compatible with National’s LP2981, but offers
performance advantages. The ADP3309 stands out from
conventional LDOs with a novel architecture and an enhanced
process. Its patented design requires only a 0.47 μF output
capacitor for stability. This device is stable with any type of
capacitor regardless of its equivalent series resistance (ESR)
value, including ceramic types for space restricted applications.
The ADP3309 achieves ±1.2% accuracy at room temperature
and ±2.2% overall accuracy over temperature, line, and load
regulations. The dropout voltage of the ADP3309 is only
120 mV (typical) at 100 mA. This device also includes a current
limit and a shutdown feature. In shutdown mode, the ground
current is reduced to ~1 μA.
The ADP3309 operates with a wide input voltage range from
2.8 V to 12 V and delivers a load current in excess of 100 mA.
The ADP3309 anyCAP LDO offers a wide range of output
voltages.
+
–
+
–
ADP3309-3.3
IN
OUT
GND
ERR/NC
SD
ON
OFF
C2
0.47µF
C1
0.47µF
VIN
VOUT = 3.3V
4
5
3
2
1
Figure 2. Typical Application Circuit


Similar Part No. - ADP3309ARTZ-2.9-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3309ARTZ-2.9-R71 AD-ADP3309ARTZ-2.9-R71 Datasheet
348Kb / 12P
anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3309ARTZ-2.9-R71 AD-ADP3309ARTZ-2.9-R71 Datasheet
348Kb / 12P
anyCAP 100 mA Low Dropout Linear Regulator
REV. C
More results

Similar Description - ADP3309ARTZ-2.9-R71

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
Low Dropout Linear Regulator
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
Low Dropout Linear Regulator
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
LOW-DROPOUT LINEAR REGULATOR
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Rev 4
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
low-dropout linear regulator.
logo
Diodes Incorporated
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
LOW DROPOUT LINEAR REGULATOR
July 2017
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com