Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSVPLC Datasheet(PDF) 1 Page - Cynergy3 Co

Part # FSVPLC
Description  Inline Flow Switch for connection to PLC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

FSVPLC Datasheet(HTML) 1 Page - Cynergy3 Co

  FSVPLC Datasheet HTML 1Page - Cynergy3 Co FSVPLC Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
FSVPLC
Inline Flow Switch for connection to PLC
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The FSVPLC
other equipment or process via a PLC. If
used in a pumped system, the device has
to be fitted in the pipe above the pump.
The FSVPLC gives an open circuit signal to
the PLC once the flow rate through the
device exceeds 0.6 l/min, or 3 l/min
depending on version.
A flow of less than 0.6 l/min , or 3.0 l/min
depending on version, whether due to a
lack of supply (e.g. tank empty) or to a
decrease in demand(e.g. tap closing), will
turn the signal to the control circuit on
again.
can be used to control some
Automatic shut down on flow stop
1”BSP pipe connections
Signal level output for PLC
0.6 l/min or 3.0 l/min turn on flow rate
Volt free contact for output to PLC
Technical Specification
FSVPLC06
FSVPLC30
Flow Tube Material
Brass
Start up flow rate
Q. min
l/min
0.6
3.0
Max flow rate
Q max
l/min
80
Max Pressure
P max
bar
8
Max Temperature
T max
C
85
Pipe connections
BSP
1”
Electrical Specification
Output
SPNC volt free contact
Max voltage
Vac
<5
Switching Current Max
mA
<1
Standard Parts
On flow rate
FSVPLC06
0.6l/min
FSVPLC30
3.0 l/min
°
82
90


Similar Part No. - FSVPLC

ManufacturerPart #DatasheetDescription
logo
NEC
FSVP20E107M NEC-FSVP20E107M Datasheet
147Kb / 4P
F/SV Series
FSVP20G686M NEC-FSVP20G686M Datasheet
147Kb / 4P
F/SV Series
More results

Similar Description - FSVPLC

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FSV10AR CYNERGY3-FSV10AR Datasheet
597Kb / 2P
Inline Flow Switch for G1pipe
FSHPLC CYNERGY3-FSHPLC Datasheet
891Kb / 2P
Flow switch for connection to PLC
logo
PHOENIX CONTACT
PLC-SC-EIK1-SVN24P PHOENIX-PLC-SC-EIK1-SVN24P Datasheet
89Kb / 5P
Connection option for PLC-V8 adapter
2304348 PHOENIX-2304348 Datasheet
48Kb / 3P
For digital modules with 16-pos. MTB for connection to PLC-INTERFACE
2304393 PHOENIX-2304393 Datasheet
48Kb / 3P
For digital modules with 16-pos. MTB for connection to PLC-INTERFACE
2296553 PHOENIX-2296553 Datasheet
103Kb / 6P
System connection - PLC-V8/FLK14/IN
2299660 PHOENIX-2299660 Datasheet
84Kb / 5P
System connection - PLC-V8L/FLK14/OUT
2296087 PHOENIX-2296087 Datasheet
520Kb / 16P
System connection - PLC-V8/D15B/IN
logo
Amphenol Corporation
GE-2102 AMPHENOL-GE-2102 Datasheet
324Kb / 4P
Inline Flow-Through Fluid Temperature Sensor
logo
E+E Elektronik Ges.m.b....
EE741 EPLUSE-EE741 Datasheet
1Mb / 12P
Inline Flow Sensor for Compressed Air and Gases
03-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com