Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN29GL064ATB Datasheet(PDF) 33 Page - Eon Silicon Solution Inc.

Part # EN29GL064ATB
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL064ATB Datasheet(HTML) 33 Page - Eon Silicon Solution Inc.

Back Button EN29GL064ATB Datasheet HTML 29Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 30Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 31Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 32Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 33Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 34Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 35Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 36Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 37Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
33
EN29GL064AT/B
Rev. C, Issue Date: 2011/12/01
Table 8. Secured Silicon Sector Addresses
Secured Silicon Sector Address Range
000000h-000007h
Reserve for Factory
000008h-00007Fh
Determined by customer
Customer Lockable Secured Silicon Sector
The Customer Lockable Secured Silicon Sector is always shipped unprotected (DQ0 set to “1”),
allowing customers to utilize that sector in any manner they choose. If the security feature is not
required, the Secured Silicon Sector can be treated as an additional Flash memory space.
Please note the following:
• Once the Secured Silicon Sector area is protected, the Secured Silicon Sector Indicator Bit (DQ0) is
permanently set to “0.”
• The Secured Silicon Sector can be read any number of times, but can be programmed and locked
only once. The Secured Silicon Sector lock must be used with caution as once locked, there is no
procedure available for unlocking the Secured Silicon Sector area and none of the bits in the
Secured Silicon Sector memory space can be modified in any way.
• The accelerated programming (ACC) is not available when the Secured Silicon Sector is enabled.
• Once the Secured Silicon Sector is locked and verified, the system must write the Exit Secured
Silicon Sector Region command sequence which return the device to the memory array at sector 0.
• The address 0h~7h in Secured Silicon Sector is reserved for Factory.
Secured Silicon Sector Entry/Exit Command Sequences
The system can access the Secured Silicon Sector region by issuing the three-cycle Enter Secured
Silicon Sector command sequence. The device continues to access the Secured Silicon Sector region
until the system issues the four-cycle Exit Secured Silicon Sector command sequence.
The Secured Silicon Sector Entry Command allows the following commands to be executed
• Read customer and factory Secured Silicon areas
• Program the customer Secured Silicon Sector
After the system has written the Enter Secured Silicon Sector command sequence, it may read the
Secured Silicon Sector by using the addresses normally occupied by sector SA0 within the memory
array. This mode of operation continues until the system issues the Exit Secured Silicon Sector
command sequence, or until power is removed from the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com