Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN29GL064ATB Datasheet(PDF) 13 Page - Eon Silicon Solution Inc.

Part # EN29GL064ATB
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL064ATB Datasheet(HTML) 13 Page - Eon Silicon Solution Inc.

Back Button EN29GL064ATB Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 14Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 15Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 16Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 17Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
13
EN29GL064AT/B
Rev. C, Issue Date: 2011/12/01
USER MODE DEFINITIONS
Word / Byte Configuration
The BYTE# pin controls whether the device data I/O pins operate in the byte or word configuration. If
the
BYTE# pin is set at logic ‘1’, the device is in word configuration, DQ0-DQ15 are active and controlled by
CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte configuration, and only data I/O pins DQ0-DQ7
are active and controlled by CE# and OE#. The data I/O pins DQ8-DQ14 are tri-stated, and the DQ15
pin is used as an input for the LSB (A-1) address function.
Read
All memories require access time to output array data. In a read operation, data is read from one
memory location at a time. Addresses are presented to the device in random order, and the
propagation delay through the device causes the data on its outputs to arrive with the address on its
inputs.
The device defaults to reading array data after device power-up or hardware reset. To read data from
the memory array, the system must first assert a valid address on A21-A0, while driving OE# and CE#
to VIL. WE# must remain at VIH. All addresses are latched on the falling edge of CE#. Data will appear
on DQ15-DQ0 after address access time (tACC), which is equal to the delay from stable addresses to
valid output data.The OE# signal must be driven to VIL. Data is output on DQ15-DQ0 pins after the
access time (tOE) has elapsed from the falling edge of OE#, assuming the tACC access time has been
meet.
Page Read Mode
The device is capable of fast page mode read and is compatible with the page mode Mask ROM read
operation. This mode provides faster read access speed for random locations within a page. The page
size of the device is 8 words/16 bytes. The appropriate page is selected by the higher address bits
A21-A3. Address bits A2-A0 in word mode (A2 to A-1 in byte mode) determine the specific word within
a page. The microprocessor supplies the specific word location.
The random or initial page access is equal to tACC or tCE and subsequent page read accesses (as
long as the locations specified by the microprocessor falls within that page) is equivalent to tPACC.
When CE# is deasserted and reasserted for a subsequent access, the access time is tACC or tCE.
Fast page mode accesses are obtained by keeping the “read-page addresses” constant and changing
the “intra-read page” addresses.
Autoselect
The Autoselect mode provides manufacturer ID, Device identification, and sector protection information,
through identifier codes output from the internal register (separate from the memory array) on DQ7-
DQ0.
The device only support to use autoselect command to access autoselect codes. It does not support to
apply VID on address pin A9.
• The Autoselect command sequence may be written to an address within a sector that is either in the
read or erase-suspend-read mode.
• The Autoselect command may not be written while the device is actively programming or erasing.
• The system must write the reset command to return to the read mode (or erase-suspend-read mode
if the sector was previously in Erase Suspend).
• When verifying sector protection, the sector address must appear on the appropriate highest order
address bits. The remaining address bits are don't care and then read the corresponding identifier
code on DQ15-DQ0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com