Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL09C Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL09C
Description  5 ~ 4000 MHz High Linearity LNA MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL09C Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL09C_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL09C_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL09C_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
September 2012
ASL09C
5 ~ 4000 MHz High Linearity LNA MMIC
C1=82 pF
L1=56 nH
C2=82 pF
RF IN
RF OUT
C3=100 pF
ASL09C
C4=10 nF
L2=18 nH
Vs=5 V
R1 =10
C5=2 pF
R2=2 K
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
25
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-20
-15
-10
-5
0
Frequency (MHz)
1) OIP3 is measured with two tones at an output power of +5 dBm/tone sepa-
rated by 1 MHz.
0
500
1000
1500
2000
2500
3000
3500
4000
0
1
2
3
4
5
Frequency (MHz)
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
800
1950
2400
2700
Magnitude S21 (dB)
19.7
12.8
11.2
10.2
Magnitude S11 (dB)
-19
-18
-18
-18
Magnitude S22 (dB)
-10.5
-9.5
-11
-11
Output P1dB (dBm)
19.5
19.5
19.5
19.5
Output IP31) (dBm)
33
35
36
36
Noise Figure (dB)
0.8
0.85
1.05
1.1
Device Voltage (V)
+4.5
Current (mA)
51
Wide Band
800 ~ 2700 MHz
+5 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com