Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL09C Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL09C
Description  5 ~ 4000 MHz High Linearity LNA MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL09C Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL09C_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL09C_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL09C_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
September 2012
ASL09C
5 ~ 4000 MHz High Linearity LNA MMIC
(Supply Voltage = +5 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
800
1950
2400
2700
Gain
dB
19.7
12.8
11.2
10.2
S11
dB
-19
-18
-18
-18
S22
dB
-10.5
-9.5
-11
-11
Output IP31)
dBm
33
35
36
36
Noise Figure
dB
0.8
0.85
1.05
1.1
Output P1dB
dBm
19.5
19.5
19.5
19.5
Current
mA
51
Device Voltage
V
+4.5
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
1950
Gain
dB
12.8
S11
dB
-18
S22
dB
-9.5
Output IP3
dBm
35
Noise Figure
dB
0.85
Output P1dB
dBm
19.5
Current
mA
51
Device Voltage
V
+4.5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+5.5 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50ohm matched)*
+20 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Absolute Maximum Ratings
 Same circuit over 800~2700 MHz
 12.8 dB Gain at 1950 MHz
 19.5 dBm P1dB at 1950 MHz
 35 dBm Output IP3 at 1950 MHz
 0.85 dB NF at 1950 MHz
 MTTF > 100 Years
 Single Supply
The ASL09C, a wideband linear low noise amplifier
MMIC, has a low noise and high linearity at low bias
current, being suitable for use in both receiver and
transmitter of telecommunication systems up to 3.5
GHz. S11 down to
–18 dB is easily achieved for low
noise application to provide a good productivity. The
amplifier is available in a SOT89 package and passes
through the stringent DC, RF, and reliability tests.
Application Circuit
800 ~ 2700 MHz
Product Specifications
Typical Performance
ASL09C
Package Style: SOT89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias


Similar Part No. - ASL09C_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL09C ASB-ASL09C_17 Datasheet
861Kb / 10P
High Linearity LNA MMIC
April 2017
More results

Similar Description - ASL09C_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
5-4000 MHz High Linearity LNA MMIC
September 2012
ASL09S ASB-ASL09S Datasheet
483Kb / 7P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL19C ASB-ASL19C Datasheet
317Kb / 4P
5-3000 MHz High Linearity LNA MMIC
September 2012
ASL19H ASB-ASL19H Datasheet
539Kb / 9P
5-4000 MHz High Linearity LNA MMIC
December 2010
ASL210 ASB-ASL210 Datasheet
505Kb / 8P
5-3000 MHz High Linearity LNA MMIC
February 2011
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
ASL29W ASB-ASL29W_13 Datasheet
727Kb / 11P
5 ~ 3000 MHz High Linearity LNA MMIC
February 2010
ASL41S9 ASB-ASL41S9 Datasheet
508Kb / 11P
5 ~ 4000 MHz High Linearity LNA MMIC
June 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com