Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL13C Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL13C
Description  5 ~ 3000 MHz MMIC Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL13C Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL13C_15 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
December 2014
ASL13C
5 ~ 3000 MHz MMIC Amplifier
(Supply Voltage = +5 V, TA = +25 C, Z0 = 50 )
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
12
13
S11
dB
-18
S22
dB
-12
Output IP3
dBm
34.5
36.5
Noise Figure
dB
0.75
0.95
Output P1dB
dBm
20
22
Current
mA
59
Device Voltage
V
+4.5
Please find the max. input power data from Please find
1) Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Parameters
Units
Typical
Frequency
MHz
824 ~ 960
1920 ~ 2170
Gain
dB
18.5
13.0
S11
dB
-18
-16
S22
dB
-10
-10
Output IP31)
dBm
34.5
36.5
Noise Figure
dB
0.85
0.75
Output P1dB
dBm
22
22
Current
mA
59
59
Device Voltage
V
+4.5
+4.5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)1)
+22 dBm
Features
Description
Package Style: SOT363
Typical Performance
Absolute Maximum Ratings
13 dB Gain at 2000 MHz
22 dBm P1dB at 2000 MHz
37 dBm OIP3 at 2000 MHz
0.75 dB NF at 2000 MHz
MTTF > 100 Years
Single Supply
The ASL13C is a wideband linear low noise amplifi-
er MMIC, has a low noise and high linearity at low
bias current, being suitable for use in both receiver
and transmitter of telecommunication systems up to
3 GHz. S11 down to –20 dB is easily achieved for
low noise application to provide a good productivity.
The amplifier is available in a SOT363 package and
passes through the stringent DC, RF, and reliability
tests.
Application Circuit
CDMA & GSM
WCDMA
TETRA
IF
FM, DVB, DMB
DMB (1470 MHz)
2100 ~ 2400 MHz (5 V, 59 mA)
IF (30 ~ 600 MHz)
Product Specifications
Pin Configuration
Pin No.
Function
1
RF IN
4
RF OUT & Bias
2,3,5,6
GND


Similar Part No. - ASL13C_15

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_17 Datasheet
965Kb / 13P
MMIC Amplifier
April 2017
More results

Similar Description - ASL13C_15

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C Datasheet
277Kb / 4P
5-3000 MHz MMIC Amplifier
October 2012
ASL13W ASB-ASL13W Datasheet
927Kb / 14P
5-3000 MHz MMIC Amplifier
April 2012
ASW101 ASB-ASW101 Datasheet
412Kb / 6P
5-3000 MHz MMIC Amplifier
February 2010
ASX401 ASB-ASX401 Datasheet
3Mb / 33P
250-3000 MHz MMIC Amplifier
September 2012
ASF255 ASB-ASF255 Datasheet
433Kb / 6P
5-3000 MHz MMIC Amplifier
September 2012
ASX620 ASB-ASX620 Datasheet
654Kb / 8P
250-3000 MHz MMIC Amplifier
September 2012
ASL13W ASB-ASL13W_13 Datasheet
863Kb / 15P
5-3000 MHz MMIC Amplifier
November 2012
ASW320 ASB-ASW320 Datasheet
397Kb / 5P
5 ~ 3000 MHz MMIC Amplifier
October 2012
ASW320 ASB-ASW320_17 Datasheet
509Kb / 6P
5 ~ 3000 MHz MMIC Amplifier
April 2017
ASF255 ASB-ASF255_17 Datasheet
527Kb / 8P
5 ~ 3000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com