Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL13C Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASL13C
Description  5 ~ 3000 MHz MMIC Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL13C Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASL13C_15 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 13Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13/13
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
December 2014
ASL13C
5 ~ 3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
88
108
Magnitude S21 (dB)
24.2
24.1
Magnitude S11 (dB)
-8
-8
Magnitude S22 (dB)
-18
-18
Output P1dB (dBm)
14
13.5
Output IP31) (dBm)
27
27
Noise Figure (dB)
0.6
0.65
Device Voltage (V)
+3.7
+3.7
Current (mA)
24
24
Note: A shunt RB is a bias resistor requisite to
operate ASL13C properly, while RD as a volt-
age drop resistor is added to apply 4.4 V to
the device. A user can easily REDUCE an
operating current by choosing different RB
values with minimized loss only in OIP3 and
P1dB.
FM
88 ~ 108 MHz
+5 V
0
25
50
75
100
125
150
175
200
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
0
25
50
75
100
125
150
175
200
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
0
25
50
75
100
125
150
175
200
Frequency (MHz)
0
5
10
15
20
25
30
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
0
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com