Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL033 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL033
Description  5 ~ 4000 MHz MMIC Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL033 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL033_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
August 2013
ASL033
5 ~ 4000 MHz MMIC Amplifier
(Supply Voltage = Device Voltage, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
40
170
240
470
860
1575
Gain
dB
17.0
16.6
15.5
14.6
14.2
15.5
S11
dB
-11
-5
-4
-4
-10
-20
S22
dB
-20
-11
-10
-10
-10
-15
Output IP31)
dBm
201)
202)
182)
182)
202)
231)
Noise Figure
dB
1.1
1.1
1.2
1.2
1.1
1.3
Output P1dB
dBm
17.0
14.0
15.5
17.0
17.5
10.5
Current
mA
10
5
5
5
5
13
Device Voltage (V)
V
+3.3
+3.0
+3.0
+3.0
+3.0
+5.0
1) OIP3 is measured with two tones at an output power of -5 dBm/tone separated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
470
Gain
dB
14.6
S11
dB
-4
S22
dB
-10
Output IP3
dBm
18
Noise Figure
dB
1.2
Output P1dB
dBm
17
Current
mA
5
Device Voltage (V)
V
+3
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage (V)
+5.5 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)*
+20 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Package Style: SOT-363
Features
Description
Typical Performance
Absolute Maximum Ratings
14.6 dB Gain at 470 MHz
17 dBm P1dB at 470 MHz
18 dBm Output IP3 at 470 MHz
1.2 dB NF at 470 MHz
MTTF > 100 Years
Single Supply
ASL033 is a one-stage LNA for mobile TV receiver
low noise block. It has a low noise, high gain, and
high linearity over a wide range of frequency up to 4
GHz. It is also suitable for use in the low noise am-
plifier block of mobile wireless systems. The ampli-
fier is available in a SOT363 package and passes
the stringent DC, RF, and reliability tests.
Application Circuit
DVB-T (V, U band)
DVB-T (V, U band) /
Contact ESD +4 kV
DVB, CMMB
DVB-T (V, U band), 75 Ω
10 ~ 88 MHz
ATSC (40 ~ 900 MHz)
TETRA
434 MHz
1450 ~ 1500 MHz
GPS
Product Specifications
Package Style: SOT363
Pin Configuration
Pin No.
Function
1
RF IN
4
RF OUT & Bias
2,3,5,6
GND


Similar Part No. - ASL033_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL033 ASB-ASL033_17 Datasheet
1Mb / 21P
MMIC Amplifier
April 2017
More results

Similar Description - ASL033_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL033 ASB-ASL033 Datasheet
901Kb / 17P
5-4000 MHz MMIC Amplifier
January 2012
ASW135 ASB-ASW135 Datasheet
341Kb / 5P
5-4000 MHz MMIC Amplifier
July 2011
ASW215 ASB-ASW215 Datasheet
463Kb / 7P
5-4000 MHz MMIC Amplifier
February 2010
ASW216 ASB-ASW216 Datasheet
325Kb / 5P
5-4000 MHz MMIC Amplifier
February 2010
ASW338 ASB-ASW338 Datasheet
790Kb / 10P
5-4000 MHz MMIC Amplifier
April 2012
ASW318 ASB-ASW318 Datasheet
1Mb / 23P
5 ~ 4000 MHz MMIC Amplifier
December 2014
ASW335 ASB-ASW335 Datasheet
905Kb / 16P
5 ~ 4000 MHz MMIC Amplifier
January 2014
AWB207 ASB-AWB207 Datasheet
687Kb / 9P
5 ~ 4000 MHz MMIC Amplifier
October 2013
AWB389 ASB-AWB389 Datasheet
441Kb / 6P
5 ~ 4000 MHz MMIC Amplifier
December 2013
AWB389 ASB-AWB389_17 Datasheet
566Kb / 7P
5 ~ 4000 MHz MMIC Amplifier
April 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com