Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL033 Datasheet(PDF) 15 Page - Advanced Semiconductor Business Inc.

Part # ASL033
Description  5 ~ 4000 MHz MMIC Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL033 Datasheet(HTML) 15 Page - Advanced Semiconductor Business Inc.

Back Button ASL033_13 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASL033_13 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15/20
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
August 2013
ASL033
5 ~ 4000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of -5 dBm/tone separated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S parameters & K-factor (3.3V)
APPLICATION CIRCUIT
Frequency (MHz)
40
450
900
40
450
900
Magnitude S21 (dB)
14.5
13.5
12.2
17.0
15.7
14.3
Magnitude S11 (dB)
-8
-10
-11
-11
-15
-17
Magnitude S22 (dB)
-12
-13
-10
-20
-20
-15
Output P1dB (dBm)
16.5
17.0
17.5
17.0
17.5
17.5
Output IP31) (dBm)
19.0
18.5
16.5
19.5
20.0
18.5
Noise Figure (dB)
1.3
1.5
1.5
1.1
1.2
1.2
Device Voltage (V)
+3.0
+3.0
+3.0
+3.3
+3.3
+3.3
Current (mA)
5
5
5
10
10
10
ATSC
40 ~ 900 MHz
+3 V, 3.3 V
C2=10 nF
RF OUT
ASL033
C1=10 nF
RF IN
Vs=3.3 V
R1=680
C4=1
F
C3=1
F
L1=1.2

0
200
400
600
800
1000
0
5
10
15
20
Frequency (MHz)
0
200
400
600
800
1000
-20
-15
-10
-5
0
Frequency (MHz)
0
200
400
600
800
1000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com