Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL210 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL210
Description  5 ~ 3000 MHz High Linearity LNA MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL210 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL210_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2013
ASL210
5 ~ 3000 MHz High Linearity LNA MMIC
1) OIP3 is measured with two tones at an output power of +7 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
IF
50 ~ 200 MHz
+3 V
Frequency (MHz)
50
100
200
Magnitude S21 (dB)
24.5
24.0
23.0
Magnitude S11 (dB)
-12
-12
-11
Magnitude S22 (dB)
-18
-20
-20
Output P1dB (dBm)
18.5
18.5
18.5
Output IP31) (dBm)
35
35
35
Noise Figure (dB)
2.5
2.4
2.4
Device Voltage (V)
+3
+3
+3
Current (mA)
80
80
80
Vs=3 V
RF IN
RF OUT
C3=100 pF
C4=10
F
ASL210
R1=9.1 k
C1=1
F
R2=100
C2=1
F
L1=1.2

0
50
100
150
200
250
300
0
5
10
15
20
25
30
Frequency (MHz)
0
50
100
150
200
250
300
-20
-15
-10
-5
0
Frequency (MHz)
0
50
100
150
200
250
300
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com