Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL210 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL210
Description  5 ~ 3000 MHz High Linearity LNA MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL210 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL210_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL210_13 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2013
ASL210
5 ~ 3000 MHz High Linearity LNA MMIC
(Supply Voltage = Device Voltage, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
50
450
900
2000
2700
Gain
dB
24.5
22.5
18.5
12.0
10.0
S11
dB
-12
-15
-20
-18
-14
S22
dB
-18
-15
-18
-12
-10
Output IP3
dBm
351)
352)
363)
374)
384)
Noise Figure
dB
2.5
0.8
0.8
0.9
1.2
Output P1dB
dBm
18.5
20.0
20.0
20.5
20.5
Current
mA
80
67
67
67
67
Device Voltage
V
+3.0
+3.3
+3.3
+3.3
+3.3
1) OIP3 is measured with two tones at an output power of +7 dBm/tone separated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
3) OIP3 is measured with two tones at an output power of +12 dBm/tone separated by 1 MHz.
4) OIP3 is measured with two tones at an output power of +11 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
900
Gain
dB
18.5
S11
dB
-20
S22
dB
-18
Output IP3
dBm
36
Noise Figure
dB
0.8
Output P1dB
dBm
20
Current
mA
67
Device Voltage
V
+3.3
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+5 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)*
22 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Absolute Maximum Ratings
·18.5 dB Gain at 900 MHz
·20 dBm P1dB at 900 MHz
·36 dBm Output IP3 at 900 MHz
·0.8 dB NF at 900 MHz
·MTTF > 100 Years
·Single Supply
The ASL210, a wideband linear low noise amplifier
MMIC, has a low noise and high linearity at low bias
current, being suitable for use in both receiver and
transmitter of telecommunication systems up to 3 GHz.
The amplifier is available in a SOT89 package and
passes through the stringent DC, RF, and reliability
tests.
Application Circuit
·IF (50 ~ 200 MHz)
·IF (470 ~ 510 MHz)
·CDMA
·GSM
·PCS & DCS
·WCDMA
·2300 ~ 2700 MHz
Product Specifications
Typical Performance
ASL210
Package Style: SOT89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias


Similar Part No. - ASL210_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL210 ASB-ASL210_17 Datasheet
460Kb / 10P
High Linearity LNA MMIC
April 2017
More results

Similar Description - ASL210_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19W ASB-ASL19W Datasheet
588Kb / 19P
DC-3000 MHz High Linearity LNA MMIC
February 2009
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
5-4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C Datasheet
317Kb / 4P
5-3000 MHz High Linearity LNA MMIC
September 2012
ASL29W ASB-ASL29W Datasheet
834Kb / 11P
5-3000 MHz High Linearity LNA MMIC
February 2010
ASL210 ASB-ASL210 Datasheet
505Kb / 8P
5-3000 MHz High Linearity LNA MMIC
February 2011
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
ASL29W ASB-ASL29W_13 Datasheet
727Kb / 11P
5 ~ 3000 MHz High Linearity LNA MMIC
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com