Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW335 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASW335
Description  5 ~ 4000 MHz MMIC Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW335 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASW335 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
January 2014
ASW335
5 ~ 4000 MHz MMIC Amplifier
(Supply Voltage = +5 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
100
900
1950
Gain
dB
18.8
17.5
15.5
S11
dB
-13.5
-15
-10
S22
dB
-18
-18
-11
Output IP3
dBm
44.01)
42.02)
40.02)
Noise Figure
dB
1.6
2.0
2.3
Output P1dB
dBm
22.0
22.0
22.0
Current
mA
100
100
100
Device Voltage
V
+5
+5
+5
1) OIP3 is measured with two tones at an output power of +9 dBm/tone separated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +6 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ.
Max
Testing Frequency
MHz
1950
Gain
dB
15.0
15.5
16.0
S11
dB
-10
S22
dB
-11
Output IP3
dBm
39.0
40.0
Noise Figure
dB
2.3
2.5
Output P1dB
dBm
20.5
22.0
Current
mA
90
100
110
Device Voltage
V
+5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+7 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)*
+23 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Package Style: SOT89
Absolute Maximum Ratings
 15.5 dB Gain at 1950 MHz
 22.0 dBm P1dB at 1950 MHz
 40.0 dBm OIP3 at 1950 MHz
 2.3 dB NF at 1950 MHz
 MTTF > 100 Years
 Single Supply
The ASW335, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both re-
ceiver and transmitter of telecommunication systems
up to 4 GHz. The amplifier is available in a SOT89
package and passes through the stringent DC, RF,
and reliability tests.
Product Specifications
Typical Performance
ASW335
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias
Application Circuit
 IF (100 ~ 450 MHz)
 CMMB
 LTE (698 ~ 787 MHz)
 CDMA & GSM (900 MHz)
 LTE (1745 ~ 1860 MHz)
 WCDMA (1950 MHz)
 WLAN (2450 MHz)
 WiMAX
 ONU (70 ~ 2500 MHz)
 900 ~ 2200 MHz
(SMATV, 50
)


Similar Part No. - ASW335

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASW335 ASB-ASW335 Datasheet
989Kb / 17P
5 ~ 4000 MHz MMIC Amplifier
September 2017
ASW335 ASB-ASW335_17 Datasheet
989Kb / 17P
5 ~ 4000 MHz MMIC Amplifier
September 2017
More results

Similar Description - ASW335

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL033 ASB-ASL033 Datasheet
901Kb / 17P
5-4000 MHz MMIC Amplifier
January 2012
ASW135 ASB-ASW135 Datasheet
341Kb / 5P
5-4000 MHz MMIC Amplifier
July 2011
ASW215 ASB-ASW215 Datasheet
463Kb / 7P
5-4000 MHz MMIC Amplifier
February 2010
ASW103 ASB-ASW103 Datasheet
401Kb / 6P
5-4000 MHz MMIC Amplifier
February 2010
ASW216 ASB-ASW216 Datasheet
325Kb / 5P
5-4000 MHz MMIC Amplifier
February 2010
ASW338 ASB-ASW338 Datasheet
790Kb / 10P
5-4000 MHz MMIC Amplifier
April 2012
ASW318 ASB-ASW318 Datasheet
1Mb / 23P
5 ~ 4000 MHz MMIC Amplifier
December 2014
AWB207 ASB-AWB207 Datasheet
687Kb / 9P
5 ~ 4000 MHz MMIC Amplifier
October 2013
AWB389 ASB-AWB389 Datasheet
441Kb / 6P
5 ~ 4000 MHz MMIC Amplifier
December 2013
AWB389 ASB-AWB389_17 Datasheet
566Kb / 7P
5 ~ 4000 MHz MMIC Amplifier
April 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com