Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW335 Datasheet(PDF) 16 Page - Advanced Semiconductor Business Inc.

Part # ASW335
Description  5 ~ 4000 MHz MMIC Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW335 Datasheet(HTML) 16 Page - Advanced Semiconductor Business Inc.

Back Button ASW335 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASW335 Datasheet HTML 16Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16/16
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
January 2014
ASW335
5 ~ 4000 MHz MMIC Amplifier
Performance with varying Current
VDEVICE
(V)
Current
(mA)
R1
(
)
Freq.
(MHz)
Gain
(dB)
S11
(dB)
S22
(dB)
OIP3
(dBm)
P1dB
(dBm)
NF
(dB)
5
100
24 k
900
17.6
-17.9
-33.1
42.5
22.9
1.83
1950
15.9
-12.2
-13.9
42.1
22.6
2.21
5
90
30 k
900
17.6
-18.1
-33.3
40.8
22.8
1.85
1950
15.9
-12.4
-13.5
40.4
22.3
2.19
5
80
43 k
900
17.5
-18.2
-32.2
38.9
22.4
1.84
1950
15.8
-12.6
-13.3
38.1
21.7
2.21
5
70
68 k
900
17.4
-18.5
-30.6
37.1
21.7
1.83
1950
15.7
-12.7
-12.9
36.4
21.2
2.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com