Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR821 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR821
Description  Low Power, Precision Reference and Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR821 Datasheet(HTML) 1 Page - Analog Devices

  ADR821 Datasheet HTML 1Page - Analog Devices ADR821 Datasheet HTML 2Page - Analog Devices ADR821 Datasheet HTML 3Page - Analog Devices ADR821 Datasheet HTML 4Page - Analog Devices ADR821 Datasheet HTML 5Page - Analog Devices ADR821 Datasheet HTML 6Page - Analog Devices ADR821 Datasheet HTML 7Page - Analog Devices ADR821 Datasheet HTML 8Page - Analog Devices ADR821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Power, Precision Reference
and Op Amp
ADR821/ADR827
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
10-lead MSOP
400 μA supply current
−40°C to +125°C temperature range
On-board precision resistors
Reference
ADR821: 2.8 V to 15 V operation
ADR827: 2.7 V to 15 V operation
±0.2% initial accuracy
15 ppm/°C temperature drift maximum
+5 mA/−3 mA output drive
Amplifier
ADR821
±2.8 V to ±15 V operation
2.8 V to 15 V single-supply operation
ADR827
±2.7 V to ±15 V operation
2.7 V to 15 V single-supply operation
Rail-to-rail input and output
500 μV offset voltage maximum
50 nA bias current maximum
Unity gain stable
No phase reversal
APPLICATIONS
Battery-powered instrumentation
Portable medical instrumentation
Data acquisition systems
Industrial process controls
Automotive applications
FUNCTIONAL BLOCK DIAGRAM
V+
R1
GND
NC
V–
AMP_OUT
R2
+IN
–IN
NC = NO CONNECT
1
2
3
4
5
10
9
8
7
6
REF
R1
R2
REF_OUT
ADR821/ADR827
Figure 1.
Table 1. Selection Table
Part No.
Reference
VOUT
Reference
Accuracy
Reference
Temperature
Coefficient
ADR827ARMZ
1.25 V
±0.4%
30 ppm/°C
ADR827BRMZ
1.25 V
±0.2%
15 ppm/°C
ADR821ARMZ
2.50 V
±0.4%
30 ppm/°C
ADR821BRMZ
2.50 V
±0.2%
15 ppm/°C
GENERAL DESCRIPTION
The ADR821/ADR827 combines a precision voltage reference
and an op amp in a 10-lead mini small outline package (MSOP).
The reference and the op amp can be operated independently,
offering the user a range of flexibility when arranging the
combination. Featuring a combined operating current of less
than 400 μA and 15 ppm/°C temperature drift on the reference,
the ADR821/ADR827 are ideally suited for applications requir-
ing precision and low power.
Available with the reference at 1.25 V and at 2.5 V, the
ADR821/ADR827 also come in two grades. The reference on
the A grade offers 30 ppm/°C temperature drift performance
and ±0.4% initial accuracy. The B grade provides a tighter
temperature drift performance of 15 ppm/°C and only ±0.2%
initial accuracy. All versions operate from −40°C to +125°C.


Similar Part No. - ADR821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR821 AD-ADR821 Datasheet
611Kb / 20P
Low Power, Precision Reference and Op Amp
REV. 0
ADR821ARMZ AD-ADR821ARMZ Datasheet
611Kb / 20P
Low Power, Precision Reference and Op Amp
REV. 0
ADR821ARMZ-R21 AD-ADR821ARMZ-R21 Datasheet
611Kb / 20P
Low Power, Precision Reference and Op Amp
REV. 0
ADR821ARMZ-REEL71 AD-ADR821ARMZ-REEL71 Datasheet
611Kb / 20P
Low Power, Precision Reference and Op Amp
REV. 0
ADR821BRMZ AD-ADR821BRMZ Datasheet
611Kb / 20P
Low Power, Precision Reference and Op Amp
REV. 0
More results

Similar Description - ADR821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD548 AD-AD548 Datasheet
198Kb / 8P
Precision, Low Power BiFET Op Amp
logo
Linear Technology
LM10 LINER-LM10 Datasheet
786Kb / 16P
Low Power Op Amp and Reference
logo
Analog Devices
ADR821 AD-ADR821 Datasheet
611Kb / 20P
Low Power, Precision Reference and Op Amp
REV. 0
AD548 AD-AD548_02 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548SH AD-AD548SH Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_15 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
ADR827 AD-ADR827_15 Datasheet
612Kb / 20P
Low Power, Precision Reference and Op Amp
Rev. 0
logo
Linear Technology
LM10 LINER-LM10_15 Datasheet
783Kb / 16P
Low Power Op Amp and Reference
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
Low-Power, Single-Supply Op Amp Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com