Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN9012 Datasheet(PDF) 1 Page - Intersil Corporation

Part # FN9012
Description  Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN9012 Datasheet(HTML) 1 Page - Intersil Corporation

  FN9012 Datasheet HTML 1Page - Intersil Corporation FN9012 Datasheet HTML 2Page - Intersil Corporation FN9012 Datasheet HTML 3Page - Intersil Corporation FN9012 Datasheet HTML 4Page - Intersil Corporation FN9012 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TM
Microprocessor CORE Voltage Regulator
Two-Phase Buck PWM Controller
The ISL6562 two-phase current mode, PWM control IC
together with companion gate drivers, the HIP6601A,
HIP6602A, HIP6603A or HIP6604 and MOSFETs provides a
precision voltage regulation system for advanced
microprocessors. Two-phase power conversion is a marked
departure from earlier single phase converter configurations
previously employed to satisfy the ever increasing current
demands of modern microprocessors. Multi-phase
converters, by distributing the power and load current results
in smaller and lower cost transistors with fewer input and
output capacitors. These reductions accrue from the higher
effective conversion frequency with higher frequency ripple
current due to the phase interleaving process of this
topology. For example, a two phase converter operating at
350kHz per phase will have a ripple frequency of 700kHz.
Moreover, greater converter bandwidth of this design results
in faster response to load transients.
Outstanding features of this controller IC include
programmable VID codes from the microprocessor that
range from 1.050V to 1.825V with an accuracy of
±0.8%.
Pull up currents on these VID pins eliminates the need for
external pull up resistors.
Another feature of this controller IC is the PWRGD monitor
circuit which is held low until the CORE voltage increases, to
within 18% of the programmed voltage. Over-voltage, 24%
above programmed CORE voltage, results in the PWRGD
output going low to indicate that the CORE is above the
specified limit. Under voltage is also detected and results in
PWRGD going low if the CORE voltage falls 18% below the
programmed level. Over-current protection folds back the
output voltage to 95mV, reducing the regulator dissipation.
These features provide monitoring and protection for the
microprocessor and power system.
Features
• Two-Phase Power Conversion
• Precision Channel Current Sharing
• Precision CORE Voltage Regulation
-
±0.8% Accuracy
• Microprocessor Voltage Identification Input
- 5-Bit VID Input
- 1.050V to 1.825V in 25mV Steps
- Programmable “Droop” Voltage
• Fast Transient Recovery Time
• Over Current Protection
• High Ripple Frequency, (Channel Frequency
Times Number of Channels). . . . . . . . . . . . .100kHz to 2MHz
Applications
• VRM8.5 Modules
• Intel® Tualatin Processor Voltage Regulator
• Low Output Voltage, High Current DC/DC Converters
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Pinout
ISL6562 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. (oC)
PACKAGE
PKG. NO.
ISL6562CB
0 to 70
16 Ld SOIC
M16.15
ISL6562CB-T
16 Ld SOIC Tape and Reel
ISL6560/62EVAL1
Evaluation Platform
VID3
VID2
VID1
VID0
VID25mV
CT
PWRGD
REF
PWM1
PWM2
VCC
FB
CS-
COMP
CS+
GND
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
File Number
9012
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc.
Intel® is a registered trademark of Intel Corporation.
| Copyright © Intersil Americas Inc. 2001, All Rights Reserved
ISL6562
Data Sheet
March 2001


Similar Part No. - FN9012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FN9028 INTERSIL-FN9028 Datasheet
262Kb / 11P
InfiniBand 12V Bulk and 5V Auxiliary Power Controller
July 2004
More results

Similar Description - FN9012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 03
ISL6560 INTERSIL-ISL6560 Datasheet
396Kb / 14P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
August 2004
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
ISL6560 RENESAS-ISL6560 Datasheet
792Kb / 13P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6562 RENESAS-ISL6562 Datasheet
427Kb / 6P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com