Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6590DR Datasheet(PDF) 21 Page - Intersil Corporation

Part # ISL6590DR
Description  Digital Multi-Phase PWM Controller for Core-Voltage Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6590DR Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ISL6590DR Datasheet HTML 16Page - Intersil Corporation ISL6590DR Datasheet HTML 17Page - Intersil Corporation ISL6590DR Datasheet HTML 18Page - Intersil Corporation ISL6590DR Datasheet HTML 19Page - Intersil Corporation ISL6590DR Datasheet HTML 20Page - Intersil Corporation ISL6590DR Datasheet HTML 21Page - Intersil Corporation ISL6590DR Datasheet HTML 22Page - Intersil Corporation ISL6590DR Datasheet HTML 23Page - Intersil Corporation ISL6590DR Datasheet HTML 24Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
0401
Reserved
0402
HFWND (High ATR Window)
W
4
0403
LFWND (Low ATR Window)
W4
0404
VID (7 bit Voltage Identification)
W
7
0405
ILIM (Current Limit)
W2
0406
TSD (Thermal Shutdown)
W3
0407
Reserved
0408
TEST
W8
0409
ENABLE1 (Block Enables LSB)
W
8
040A
ENABLE2 (Block Enables MSB)
W
3
040B
SPARE1
W8
040C
SPARE2
W8
040D – 041F
Reserved
Device 1 Memory Map
R/W/Ws1 SIZE (bits)
0420
Reserved
0421
Bus ID
R4
0422
HFWND (High ATR Window)
R/W
4
0423
LFWND (Low ATR Window)
R/W
4
0424
VID (7 bit Voltage Identification)
R/W
7
0425
ILIM (Current Limit)
R/W
2
0426
TSD (Thermal Shutdown)
R/W
3
0427
FAULT (Fault Status)
R6
0428
TEST
R/W
8
0429
ENABLE1 (Block Enables LSB)
R/W
8
042A
ENABLE2 (Block Enables MSB)
R/W
3
042B
SPARE1
R/W
8
042C
SPARE2
R/W
8
0440 – 07FF
Device n to 31 Memory Map (structure as Device 1)
NON-VOLATILE MEMORY
0800 – 09FF
General Settings
R/W/Ws1 Size (bits)
0800
NVMEMCODE
R/W
8
0801
Serial Clock Divider
R/W
3
0802
VID_IN Table Select
R/W
2
0803
VID_OUT Table Select
R/W
2
0804
OffOn Non-Overlap Driver Control
R/W
4
0805
OnOff Non-Overlap Driver Control
R/W
4
0806
Duty Limit
R/W
8
0807
System Configuration
R/W
3
0808
Reserved
R/W
5
TABLE 11. ISL6590 MEMORY MAP (Continued)
ADDRESS RANGE
NAME
R/W/S
(NOTE 1)
SIZE
(BITS)
ISL6590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com