Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6590DR Datasheet(PDF) 23 Page - Intersil Corporation

Part # ISL6590DR
Description  Digital Multi-Phase PWM Controller for Core-Voltage Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6590DR Datasheet(HTML) 23 Page - Intersil Corporation

Back Button ISL6590DR Datasheet HTML 16Page - Intersil Corporation ISL6590DR Datasheet HTML 17Page - Intersil Corporation ISL6590DR Datasheet HTML 18Page - Intersil Corporation ISL6590DR Datasheet HTML 19Page - Intersil Corporation ISL6590DR Datasheet HTML 20Page - Intersil Corporation ISL6590DR Datasheet HTML 21Page - Intersil Corporation ISL6590DR Datasheet HTML 22Page - Intersil Corporation ISL6590DR Datasheet HTML 23Page - Intersil Corporation ISL6590DR Datasheet HTML 24Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Phase # Dependent Compensation Parameters
0909
K Current Balancing
R/W
8
090A
Kd PID
R/W
8
090B
HFWND
R/W
4
090C
LFWND
R/W
4
090D
OUVPLF
R/W
4
090E
OOVPHF
R/W
4
090F
ILIM (not phase # dependent)
R/W
2
0910
Reserved
0911
Reserved
0912
Switching Frequency Phases=1 (LSB)
R/W
8
0913
Switching Frequency Phases=1 (MSB)
R/W
4
0914
Switching Frequency Phases=2 (LSB)
R/W
8
0915
Switching Frequency Phases=2 (MSB)
R/W
4
0916
Switching Frequency Phases=3 (LSB)
R/W
8
0917
Switching Frequency Phases=3 (MSB)
R/W
4
0918
Switching Frequency Phases=4 (LSB)
R/W
8
0919
Switching Frequency Phases=4 (MSB)
R/W
4
091A
Switching Frequency Phases=5 (LSB)
R/W
8
091B
Switching Frequency Phases=5 (MSB)
R/W
4
091C
Switching Frequency Phases=6 (LSB)
R/W
8
091D
Switching Frequency Phases=6 (MSB)
R/W
4
091E
Switching Frequency Phases=7 (LSB)
R/W
8
091F
Switching Frequency Phases=7 (MSB)
R/W
4
0920
Switching Frequency Phases=7 (LSB)
R/W
8
0921
Switching Frequency Phases=7 (MSB)
R/W
4
0922 – 093F
Reserved
0940
Custom VID2VCODE0 LUT Entry
R/W
8
0941 – 097F
Custom VID2VCODE1 to VID2VCODE63 LUT Entries
R/W
8
0980 – 09FF
Reserved for User
R/W/Ws1 SIZE (bits)
0A00 – FFFF
Reserved
TABLE 11. ISL6590 MEMORY MAP (Continued)
ADDRESS RANGE
NAME
R/W/S
(NOTE 1)
SIZE
(BITS)
TABLE 12. SECOND SOURCE INFORMATION
PART NUMBER
TEMP. (oC)
PACKAGE
PKG. NO
Primarion PX3530
0 to 85
64 Ld QFN
L64.9x9
ISL6590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com