Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8563CB Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8563CB
Description  3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8563CB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8563CB Datasheet HTML 2Page - Intersil Corporation ISL8563CB Datasheet HTML 3Page - Intersil Corporation ISL8563CB Datasheet HTML 4Page - Intersil Corporation ISL8563CB Datasheet HTML 5Page - Intersil Corporation ISL8563CB Datasheet HTML 6Page - Intersil Corporation ISL8563CB Datasheet HTML 7Page - Intersil Corporation ISL8563CB Datasheet HTML 8Page - Intersil Corporation ISL8563CB Datasheet HTML 9Page - Intersil Corporation ISL8563CB Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Capacitor Selection
The charge pumps operate with 0.1
µF (or greater) capacitors
for 3.0V
≤ VCC ≤ 5.5V. Increasing the capacitor values (by a
factor of 2) reduces ripple on the transmitter outputs and
slightly reduces power consumption. C2,C3, and C4 can be
increased without increasing C1’s value, however, do not
increase C1 without also increasing C2,C3,and C4 to
maintain the proper ratios (C1 to the other capacitors).
When using minimum required capacitor values, make sure
that capacitor values do not degrade excessively with
temperature. If in doubt, use capacitors with a larger nominal
value. The capacitor’s equivalent series resistance (ESR)
usually rises at low temperatures and it influences the
amount of ripple on V+ and V-.
Power Supply Decoupling
In most circumstances a 0.1
µF bypass capacitor is
adequate. In applications that are particularly sensitive to
power supply noise, decouple VCC to ground with a
capacitor of the same value as the charge-pump capacitor C1.
Connect the bypass capacitor as close as possible to the IC.
Transmitter Outputs When Exiting
Powerdown
Figure 6 shows the response of two transmitter outputs
when exiting powerdown mode. As they activate, the two
transmitter outputs properly go to opposite RS-562/232
levels, with no glitching, ringing, nor undesirable transients.
Each transmitter is loaded with 3k
Ω in parallel with 2500pF.
Note that the transmitters enable only when the magnitude
of the supplies exceed approximately 3V.
High Data Rates
The ISL8563 maintains the RS-232
±5V minimum
transmitter output voltages even at high data rates. Figure 7
details a transmitter loopback test circuit, and Figure 8
illustrates the loopback test result at 120kbps. For this test,
all transmitters were simultaneously driving RS-232 loads in
parallel with 1000pF, at 120kbps. Figure 9 shows the
loopback results for a single transmitter driving 1000pF and
an RS-232 load at 250kbps. The static transmitters were
also loaded with an RS-232 receiver.
FIGURE 4. POWER DRAIN THROUGH POWERED DOWN
PERIPHERAL
OLD
VCC
POWERED
GND
SHDN =GND
VCC
Rx
Tx
VCC
CURRENT
VOUT =VCC
FLOW
RS-562/232 CHIP
DOWN
UART
FIGURE 5. DISABLED RECEIVERS PREVENT POWER DRAIN
ISL8563
TRANSITION
RX
TX
R2OUT
T1IN
VCC
VCC
TO
R2IN
T1OUT
VOUT =HI-Z
POWERED
SHDN = GND, EN =VCC
DETECTOR
DOWN
UART
WAKE-UP
LOGIC
FIGURE 7. TRANSMITTER LOOPBACK TEST CIRCUIT
TIME (20
µs/DIV.)
T1
T2
2V/DIV.
5V/DIV.
VCC = +3.3V
SHDN
FIGURE 6. TRANSMITTER OUTPUTS WHEN EXITING
POWERDOWN
C1 - C4 = 0.1
µF
ISL8563
VCC
C1
C2
C4
C3
+
+
+
+
1000pF
V+
V-
5K
TIN
ROUT
C1+
C1-
C2+
C2-
RIN
TOUT
+
VCC
0.1
µF
VCC
EN
SHDN
400k
Ω
VCC
ISL8563



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com