Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8563CB Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL8563CB
Description  3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8563CB Datasheet(HTML) 2 Page - Intersil Corporation

  ISL8563CB Datasheet HTML 1Page - Intersil Corporation ISL8563CB Datasheet HTML 2Page - Intersil Corporation ISL8563CB Datasheet HTML 3Page - Intersil Corporation ISL8563CB Datasheet HTML 4Page - Intersil Corporation ISL8563CB Datasheet HTML 5Page - Intersil Corporation ISL8563CB Datasheet HTML 6Page - Intersil Corporation ISL8563CB Datasheet HTML 7Page - Intersil Corporation ISL8563CB Datasheet HTML 8Page - Intersil Corporation ISL8563CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Pin Descriptions
PIN
FUNCTION
VCC
System Power Supply Input (3.0V to 5.5V).
V+
Internally Generated Positive Transmitter Supply (+5.5V).
V-
Internally Generated Negative Transmitter Supply (-5.5V).
GND
Ground Connection.
C1+
External Capacitor (Voltage Doubler) is connected to this lead.
C1-
External Capacitor (Voltage Doubler) is connected to this lead.
C2+
External Capacitor (Voltage Inverter) is connected to this lead.
C2-
External Capacitor (Voltage Inverter) is connected to this lead.
TIN
TTL/CMOS Compatible Transmitter Inputs with pull-up resistors.
TOUT
RS-562/RS-232 level (nominally
±5.5V) transmitter outputs.
RIN
RS-562/RS-232 compatible receiver inputs.
ROUT
TTL/CMOS Level Receiver Outputs.
EN
Active Low Receiver Enable Control.
SHDN
Active Low Input which shuts down transmitters and on-board power supply, to place device in low power mode.
Typical Operating Circuit
ISL8563
17
VCC
T1OUT
T2OUT
T1IN
T2IN
T1
T2
0.1
µF
+
0.1
µF
+
0.1
µF
12
11
15
8
2
4
3
7
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
5
6
R1OUT
R1IN
14
5k
Ω
R2OUT
R2IN
9
10
5k
Ω
13
C1
C2
+
C3
C4
EN
SHDN
1
GND
18
+3.3V
+
0.1
µF
16
VCC
TTL/CMOS
LOGIC LEVELS
RS-562/232
LEVELS
R1
R2
400k
Ω
VCC
400k
Ω
VCC
ISL8563



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com