Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YSDAXX11CDN Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # YSDAXX11CDN
Description  BIDIRECTIONAL TVS DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSDAXX11CDN Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  YSDAXX11CDN Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSDAXX11CDN Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSDAXX11CDN Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20140320
YSDAxx11CDN
H
APPLICATIONS
◆ Cell Phone Handsets and Accessories
◆ Microprocessor based equipment
◆ Personal Digital Assistants (PDA’s)
◆ Notebooks, Desktops, and Servers
◆ Portable Instrumentation
◆ Peripherals
◆ Pagers
IEC COMPATIBILITY
◆ IEC61000-4-2 (ESD) ±30kV (air), ±30kV (contact) : 3.3V ~ 15V
◆ IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact) : 18V ~ 36V
◆ IEC61000-4-4 (EFT) 40A (5/50ηs)
FEATURES
◆ 200 Watts Peak Pulse Power per Line (tp=8/20µs)
◆ Protects One Bidirectional I/O Line
◆ Low clamping voltage
◆ Working voltages : 3.3V ~ 36V
◆ Low leakage current
MECHANICAL CHARACTERISTICS
◆ DFN1006DN (1.0x0.6x0.5mm) Package
◆ Molding Compound Flammability Rating : UL 94V-O
◆ Weight 0.5 Millgrams (Approximate)
◆ Quantity Per Reel : 10,000pcs
◆ Reel Size : 7 inch
◆ Lead Finish : Lead Free
DFN1006DN
PIN CONFIGURATION
BIDIRECTIONAL TVS DIODE


Similar Part No. - YSDAXX11CDN

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX01CW YEASHIN-YSDAXX01CW Datasheet
199Kb / 3P
BIDIRECTIONAL TVS DIODE
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
YSDAXX02M3 YEASHIN-YSDAXX02M3 Datasheet
748Kb / 3P
UNIDIRECTIONAL TVS DIODE ARRAY
YSDAXX04T6 YEASHIN-YSDAXX04T6 Datasheet
223Kb / 3P
4 Line ESD Protection Array
YSDAXXT1 YEASHIN-YSDAXXT1 Datasheet
1Mb / 3P
UNIDIRECTIONAL TVS DIODE
More results

Similar Description - YSDAXX11CDN

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
BIDIRECTIONAL TVS DIODE
SD03C03B LEIDITECH-SD03C03B Datasheet
194Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05CL LEIDITECH-SD05CL Datasheet
313Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05L LEIDITECH-SD05L Datasheet
312Kb / 3P
BIDIRECTIONAL TVS DIODE
SD18CW LEIDITECH-SD18CW Datasheet
333Kb / 3P
BIDIRECTIONAL TVS DIODE
SD33C LEIDITECH-SD33C Datasheet
1Mb / 5P
BIDIRECTIONAL TVS DIODE
SDA0811CBP LEIDITECH-SDA0811CBP Datasheet
453Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA1811CDN LEIDITECH-SDA1811CDN Datasheet
213Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA2411CBP LEIDITECH-SDA2411CBP Datasheet
437Kb / 3P
BIDIRECTIONAL TVS DIODE
ESD01811CDNH LEIDITECH-ESD01811CDNH Datasheet
2Mb / 4P
BIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com